Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42994GMV33 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part No. TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 10Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 11Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 12Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 13Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 14Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 15Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 16Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 17Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Data Sheet
14
Rev. 1.1, 2014-07-03
TLE42994V33
Block Description and Electrical Characteristics
5.2
Typical Performance Characteristics Voltage Regulator
Output Voltage
V
Q versus
Junction Temperature
T
J
Output Current
I
Q versus
Input Voltage
V
I
Power Supply Ripple Rejection
PSRR versus
ripple frequency
f
r
Line Regulation ∆
V
Q,line versus
Input Voltage Change ∆
V
I
01_VQ_TJ.VSD
4,6
4,7
4,8
4,9
5
5,1
5,2
-40
0
40
80
120
160
T j [°C]
IQ = 5 mA
VI = 13.5 V
02_IQ_VI.VSD
0
50
100
150
200
250
300
0
10
203040
V I [V]
VQ = 4.8 V
T j = -40 °C
Tj = 25 °C
T j = 150 °C
03_PSRR_FR.VSD
0
10
20
30
40
50
60
70
80
90
0,01
0,1
1
10
100
1000
f [kHz]
T j =25 °C
I Q = 10 mA
C Q =10 µF ceramic
04_DVQ_DVI.VSD
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0
1020
3040
V I [V]
Tj = 150 °C
Tj = 25 °C
Tj = -40 °C


Similar Part No. - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
Rohm
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
Seiko Instruments Inc
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
RF Micro Devices
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
Seiko Instruments Inc
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
Abracon Corporation
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
Anaren Microwave
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com