Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42994GMV33 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part No. TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 15Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 16Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 17Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 18Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 19Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 20Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 21Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 22Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TLE42994V33
Block Description and Electrical Characteristics
Data Sheet
19
Rev. 1.1, 2014-07-03
5.6
Reset Function
The reset function provides several features:
Output Undervoltage Reset:
An output undervoltage condition is indicated by setting the Reset Output RO to “low”. This signal might be used
to reset a microcontroller during low supply voltage.
Power-On Reset Delay Time:
The power-on reset delay time
trd allows a microcontoller and oscillator to start up. This delay time is the time
frame from exceeding the reset switching threshold
V
RT until the reset is released by switching the reset output
“RO” from “low” to “high”. The power-on reset delay time
t
rd is defined by an external delay capacitor CD connected
to pin D charged by the delay capacitor charge current
I
D,ch starting from VD =0V.
If the application needs a power-on reset delay time
t
rd different from the value given in Power On Reset Delay
Time, the delay capacitor’s value can be derived from the specified values in Power On Reset Delay Time and
the desired power-on delay time:
(1)
with
C
D: capacitance of the delay capacitor to be chosen
t
rd,new: desired power-on reset delay time
t
rd: power-on reset delay time specified in this datasheet
For a precise calculation also take the delay capacitor’s tolerance into consideration.
Reset Reaction Time:
The reset reaction time avoids that short undervoltage spikes trigger an unwanted reset “low” signal. The reset
reaction rime
t
rr considers the internal reaction time trr,int and the discharge time trr,d defined by the external delay
capacitor
C
D (see typical performance graph for details). Hence, the total reset reaction time becomes:
(2)
with
t
rr: reset reaction time
t
rr,int: internal reset reaction time
t
rr,d: reset discharge
Optional Reset Output Pull-Up Resistor
R
RO,ext:
The Reset Output RO is an open collector output with an integrated pull-up resistor. If needed, an external pull-up
resistor to the output Q can be added. In Table 7 “Electrical Characteristics Reset Function” on Page 22 a
minimum value for the external resistor
R
RO,ext is given.
Reset Adjust Function
The undervoltage reset switching threshold can be adjusted according to the application’s needs by connecting
an external voltage divider (
R
ADJ1, RADJ2) at pin RADJ. For selecting the default threshold connect pin RADJ to
GND.
CD
trd new
,
trd
---------------- 100nF
×
=
trr
trd int
,
trr d
,
+
=


Similar Part No. - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
Rohm
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
Seiko Instruments Inc
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
RF Micro Devices
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
Seiko Instruments Inc
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
Abracon Corporation
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
Anaren Microwave
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com