Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE82P5002 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE82P5002
Description  8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P5002 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE82P5002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P5002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P5002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P5002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P5002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P5002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P5002 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
TECHNICAL DATA SHEET
PE82P5002
PE82P5002 REV 1.0
8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz, 360 Deg Phase Shift, 256 Steps and SMA from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz, 360 Deg Phase Shift, 256 Steps and SMA
PE82P5002
URL: http://www.pasternack.com/8-bit-programmable-phase-shifter-18-ghz-sma-360-deg-256-steps-pe82p5002-p.aspx
8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz,
360 Deg Phase Shift, 256 Steps and SMA


Similar Part No. - PE82P5002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE82P5000 PASTERNACK-PE82P5000 Datasheet
665Kb / 13P
   8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
   8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
PE82P5003 PASTERNACK-PE82P5003 Datasheet
366Kb / 3P
   8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
More results

Similar Description - PE82P5002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE82P5003 PASTERNACK-PE82P5003 Datasheet
366Kb / 3P
   8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
   8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
   6 - 18 GHz Phase Shifter
TGP2107-SM TRIQUINT-TGP2107-SM Datasheet
980Kb / 11P
   6 to 18 GHz 6-Bit Digital Phase Shifter (?뭋C)
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
Pasternack Enterprises,...
PE82P5000 PASTERNACK-PE82P5000 Datasheet
665Kb / 13P
   8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
logo
TriQuint Semiconductor
TGC1439A TRIQUINT-TGC1439A Datasheet
927Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com