Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37210M3 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M37210M3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37210M3 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M37210M3 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M37210M3 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
MITSUBISHI MICROCOMPUTERS
M37210M3-XXXSP/FP, M37210M4-XXXSP, M37211M2-XXXSP
M37210E4-XXXSP/FP, M37210E4SP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
11
Fig. 6 Structure of timer-related registers
TIMERS
The M37210M3-XXXSP has 4 timers: timer 1, timer 2, timer 3 and
timer 4. All timers are 8-bit timers with the 8-bit timer latch. The timer
block diagram is shown in Figure 7.
All of the timers count down and their divide ratio is 1/(n+1), where n
is the value of timer latch. The value is set to a timer at the same time
by writing a count value to the corresponding timer latch (addresses
00F016 to 00F316 : timers 1 to 4).
The count value is decremented by 1. The timer interrupt request bit
is set to “1” by an timer overflow at the next count pulse after the
count value reaches “0016.
(1) Timer 1
Timer 1 can select one of the following count sources:
f(XIN)/16
f(XIN)/4096
The count source of timer 1 is selected by setting bit 0 of the timer 12
mode register (address 00F416).
Timer 1 interrupt request occurs at timer 1 overflow.
(2) Timer 2
Timer 2 can select one of the following count sources:
f(XIN)/16
Timer 1 overflow signal
External clock from the P32/TIM2 pin
The count source of timer 2 is selected by setting bits 4 and 1 of the
timer 12 mode register (address 00F416). When timer 1 overflow
signal is a count source for the timer 2, the timer 1 functions as an 8-
bit prescaler.
Timer 2 interrupt request occurs at timer 2 overflow.
(3) Timer 3
Timer 3 can select one of the following count sources:
f(XIN)/16
External clock from the P33/TIM3 pin and the HSYNC pin
The count source of timer 3 is selected by setting bits 5 and 0 of the
timer 34 mode register (address 00F516).
Timer 3 interrupt request occurs at timer 3 overflow.
(4) Timer 4
Timer 4 can select one of the following count sources:
f(XIN)/16
f(XIN)/2
Timer 3 overflow signal
The count source of timer 3 is selected by setting bits 4 and 1 of the
timer 34 mode register 2 (address 00F516). When timer 3 overflow
signal is a count source for the timer 4, the timer 3 functions as an 8-
bit prescaler.
Timer 4 interrupt request occurs at timer 4 overflow.
At reset, timers 3 and 4 are connected by hardware and “FF16” is
automatically set in timer 3; “0716” in timer 4. The f(XIN)/16 is se-
lected as the timer 3 count source. The internal reset is released by
timer 4 overflow at these state, the internal clock is connected .
At execution of the STP instruction, timers 3 and 4 are connected by
hardware and “FF16” is automatically set in timer 3; “0716” in timer 4.
However, the f(XIN)16 is not selected as the timer 3 count source. So
set bit 0 of the timer 34 mode register (address 00F516) to “0” before
the execution of the STP instruction (f(XIN)16 is selected as the timer
3 count source). The internal STP state is released by timer 4 over-
flow at these state, the internal clock is connected .
Because of this, the program starts with stable clock.
The structure of timer-related registers is shown in Figure 6.
Timer 2 internal count source
selection bit
0 : f (XIN ) /16
1 : Timer 1 overflow signal
Timer 2 count stop bit
0 : Operation
1 : stop
Timer 1 count stop bit
0 : Operation
1 : Stop
Timer 2 count source selection bit
0 : Internal clock source
1 : External clock source from P32/TIM2 pin
Timer 1 count source selection bit
0 : f (XIN ) /16
1 : 1024
µs clock
Timer 12 mode register
(TM12MR : address 00F416 )
70
Timer 3 count source selection bit
0 : f (XIN ) /16
1 : External clock source (bits)
Timer 34 mode register
(TM34MR : address 00F516 )
Timer 4 internal count source
selection bit
0 : Timer 3 overflow signal
1 : f (XIN ) /16
Timer 3 count stop bit
0 : Operation
1 : Stop
Timer 4 count stop bit
0 : Operation
1 : Stop
Timer 4 count source selection bit
0 : Internal clock source
1 : f (XIN ) /2
70
Timer 3 external count source
selection bit
0 : P33 /TIM3 pin input
1 : HSYNC pin input
Fix this bit to “0”


Similar Part No. - M37210M3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3-XXXFP RENESAS-M37210M3-XXXFP Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3-XXXSP RENESAS-M37210M3-XXXSP Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37210M3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com