Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W28B001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W28B001
Description  WR-28 Instrumentation Grade Waveguide E-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W28B001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W28B001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W28B001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W28B001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W28B001 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s instrumentation grade waveguide bends are constructed of a high quality oxygen free hard copper with high
precision mechanical tolerances as tight as ±0.001” that ensures repeatable and consistent RF performance. Our commercial
and instrumentation grade waveguide bends range in size from WR-12 to WR-137 and include grooved and non-grooved
flanged designs. Pasternack waveguide bends are offered in E-Bend and H-Bend configuarations, and each waveguide bend
is labeled for easy identification. Our commercial grade waveguide bends are painted blue and our instrumentation grade ver-
sions are hard gold plated over a copper flash.
WR-12 to WR-137 Waveguide Bends
• Grooved and Non-Grooved Flange Designs
Available for frequency ranges between 5.8 GHz to 90 GHz
Comprehensive waveguide offering also includes Waveguide Sections, Waveguide to Coax Adapters, Filters, Termi-
nations, and more.
High Precision Tolerance as Tight as ±0.001”
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
26.5
40
GHz
VSWR
1.1:1
Insertion Loss
0.28
dB
.
Mechanical Specifications
Waveguide Size
WR-28
Waveguide Design
Instrumentation Grade
Description
Flange 1
Waveguide
Flange 2
Interface
UG-599/U
WR-28
UG-599/U
Material
Oxygen Free Hard Copper
Oxygen Free Hard Copper
Oxygen Free Hard Copper
Plating
Hard Gold over Copper Flash Hard Gold over Copper Flash Hard Gold over Copper Flash
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Notes:
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Instrumentation Grade Waveguide E-Bend with UG-599/U Flange Operating from
26.5 GHz to 40 GHz PE-W28B001
PE-W28B001 REV 0.1
PE-W28B001
WR-28 Instrumentation Grade Waveguide E-Bend with
UG-599/U Flange Operating from 26.5 GHz to 40 GHz


Similar Part No. - PE-W28B001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28B002 PASTERNACK-PE-W28B002 Datasheet
403Kb / 4P
   WR-28 Instrumentation Grade Waveguide H-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
More results

Similar Description - PE-W28B001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28B002 PASTERNACK-PE-W28B002 Datasheet
403Kb / 4P
   WR-28 Instrumentation Grade Waveguide H-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
PE-W42B001A PASTERNACK-PE-W42B001A Datasheet
361Kb / 3P
   WR-42 Instrumentation Grade Waveguide E-Bend with UG-595/U Flange Operating from 18 GHz to 26.5 GHz
PE-W28TF005-24 PASTERNACK-PE-W28TF005-24 Datasheet
393Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12 Datasheet
398Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-36 PASTERNACK-PE-W28TF005-36 Datasheet
394Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W42B001 PASTERNACK-PE-W42B001 Datasheet
402Kb / 4P
   WR-42 Instrumentation Grade Waveguide E-Bend with UG595-U Flange Operating from 18 GHz to 26.5 GHz
PE-W42B002A PASTERNACK-PE-W42B002A Datasheet
362Kb / 3P
   WR-42 Instrumentation Grade Waveguide H-Bend with UG-595/U Flange Operating from 18 GHz to 26.5 GHz
PE-W28SF005-24 PASTERNACK-PE-W28SF005-24 Datasheet
392Kb / 4P
   WR-28 Seamless Flexible Waveguide, UG-599/U Square Cover Flange Operating From 26.5 GHz to 40 GHz
PE-W28S001-3 PASTERNACK-PE-W28S001-3 Datasheet
417Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 3 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-9 PASTERNACK-PE-W28S001-9 Datasheet
561Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 9 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com