Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2700 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC2700
Description  16/32-Bit Single-Chip Microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2700 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC2700 Datasheet HTML 5Page - Infineon Technologies AG XC2700 Datasheet HTML 6Page - Infineon Technologies AG XC2700 Datasheet HTML 7Page - Infineon Technologies AG XC2700 Datasheet HTML 8Page - Infineon Technologies AG XC2700 Datasheet HTML 9Page - Infineon Technologies AG XC2700 Datasheet HTML 10Page - Infineon Technologies AG XC2700 Datasheet HTML 11Page - Infineon Technologies AG XC2700 Datasheet HTML 12Page - Infineon Technologies AG XC2700 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
XC2700 Derivatives
XC2000 Family / Alpha Line
General
Errata Sheet
9
V1.7, 2014-10
2
General
This Errata Sheet describes the deviations of the XC2700 Derivatives from the current
user documentation.
Each erratum identifier follows the pattern Module_Arch.TypeNumber:
Module: subsystem, peripheral, or function affected by the erratum
Arch: microcontroller architecture where the erratum was initially detected.
– AI: Architecture Independent
– TC: TriCore
– X: XC166 / XE166 / XC2000 Family
Type: category of deviation
– [none]: Functional Deviation
– P: Parametric Deviation
– H: Application Hint
– D: Documentation Update
Number: ascending sequential number within the three previous fields. As this
sequence is used over several derivatives, including already solved deviations, gaps
inside this enumeration can occur.
This Errata Sheet applies to all temperature and frequency versions and to all memory
size variants of this device, unless explicitly noted otherwise.
Note: This device is equipped with a C166S V2 Core. Some of the errata have
workarounds which are possibly supported by the tool vendors.
Some corresponding compiler switches need possibly to be set. Please see the
respective documentation of your compiler.
For effects of issues related to the on-chip debug system, see also the
documentation of the debug tool vendor.


Similar Part No. - XC2700

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2723X INFINEON-XC2723X Datasheet
2Mb / 109P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2, 2012-07
XC2723X-20FxV INFINEON-XC2723X-20FxV Datasheet
2Mb / 109P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2, 2012-07
XC2733X INFINEON-XC2733X Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2015-02
XC2733X INFINEON-XC2733X_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2015-02
XC2734X INFINEON-XC2734X Datasheet
1Mb / 106P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results

Similar Description - XC2700

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2300 INFINEON-XC2300 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.9 2014-10
XC2336B INFINEON-XC2336B_14 Datasheet
625Kb / 107P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2368E INFINEON-XC2368E Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com