Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

620-048 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620-048
Description  Self-Locking Rotatable Coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620-048 Datasheet(HTML) 1 Page - Glenair, Inc.

  620-048 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
H-24
H
A Thread
(Table I)
E (Table I)
E
(Table III)
F (Table III)
Cable
Entry
H (Table III)
F
(Table III)
E (Table I)
A Thread
(Table I)
G
(Table III)
Cable
Entry
H
(Table III)
Anti-Rotation
Device
CONNECTOR
DESIGNATOR
MIL-DTL-38999 Series I, II (F)
MIL-DTL-38999 Series III and IV (H)
F-H
SELF-LOCKING
ROTATABLE
COUPLING
620-048
Strain Relief
Self-Locking Rotatable Coupling - Straight and 90°
Product Series
Shell Size
620 F S 048 M 16
Connector
Designator
Finish
Basic Part No.
Angle and Profile
S - Straight
A - 90°
APPLICATION NOTES
1.
Cable range is defined
as the accommodation
range for the wire bundle
or cable. Dimensions
shown are not intended
for inspection criteria.
2.
Metric dimensions
(mm) are indicated in
parentheses.
TABLE III: CABLE ENTRY
Shell
Size
E
Max
F
Max
G
Max
H
Max
Cable Range
Closed
Open
08/09
.830 (21.1)
.780 (19.8)
.704 (17.9)
.808 (20.5)
.098 (2.5)
.234 (5.9)
10/11
.850 (21.6)
.832 (21.1)
.786 (20.0)
.867 (22.0)
.153 (3.9)
.234 (5.9)
12/13
.900 (22.9)
.988 (25.1)
.979 (24.9)
.929 (23.6)
.190 (4.8)
.328 (8.3)
14/15
.900 (22.9) 1.046 (26.6) 1.039 (26.4)
.992 (25.2)
.260 (6.6)
.457 (11.6)
16/17
.940 (23.9) 1.319 (33.5) 1.188 (30.2) 1.056 (26.8)
.283 (7.2)
.614 (15.6)
18/19 1.020 (25.9) 1.451 (36.9) 1.300 (33.0) 1.233 (31.3)
.325 (8.3)
.634 (16.1)
20/21 1.070 (27.2) 1.557 (39.5) 1.425 (36.2) 1.296 (32.9)
.343 (8.7)
.698 (17.7)
22/23 1.190 (30.2) 1.653 (42.0) 1.550 (39.4) 1.358 (34.5)
.381 (9.7)
.823 (20.9)
24/25 1.220 (31.0) 1.775 (45.1) 1.675 (42.5) 1.420 (36.1)
.418 (10.6)
.853 (21.7)
TABLE II: FINISHES
Symbol
Finish
B
Cadmium Plate, Olive Drab
C
Anodize, Black
G
Hard Coat, Anodic
GB
Black Anodize, Hard Coat
M
Electroless Nickel
N
Cad Plate, Olive Drab over
Electroless Nickel
NF
Cadmium Plate, Olive Drab over
Electroless Nickel
MT
Nickel Fluorocarbon Polymer
Z1
Stainless Steel Passivate
ZN
Zinc-Nickel


Similar Part No. - 620-048

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620-049 GLENAIR-620-049 Datasheet
167Kb / 1P
   Strain Relief
More results

Similar Description - 620-048

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A065XO08R GLENAIR-319A065XO08R Datasheet
444Kb / 2P
   Self-Locking Rotatable Coupling
319A064XO08A GLENAIR-319A064XO08A_08 Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
627-122 GLENAIR-627-122 Datasheet
194Kb / 2P
   Composite Self-Locking Rotatable Coupling
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
450AA029XO08 GLENAIR-450AA029XO08 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
450AA030XM08 GLENAIR-450AA030XM08 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AC072NF08 GLENAIR-440AC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com