Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263QXV33 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE9263QXV33
Description  Dedicated Data Sheets are available for the different product variants
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QXV33 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE9263QXV33 Datasheet HTML 1Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 2Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 3Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 4Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 5Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 6Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 7Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 8Page - Infineon Technologies AG TLE9263QXV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 165 page
background image
PG-VQFN-48-31
Type
Package
Marking
TLE9263QXV33
PG-VQFN-48-31
TLE9263QXV33
Data Sheet
5
Rev. 1.1, 2014-10-23
Mid-Range System Basis Chip Family
TLE9263QXV33
1Overview
Scalable System Basis Chip Family
Product family with various products for complete scalable application
coverage.
Dedicated Data Sheets are available for the different product variants
Complete compatibility (hardware and software) across the family
TLE9263 with 2 LIN transceivers, 3 voltage regulators
TLE9262 with 1 LIN transceiver, 3 voltage regulators
TLE9261 without LIN transceivers, 3 voltage regulators
TLE9260 without LIN transceivers, 2 voltage regulators
Product variants for 5V (TLE926xQX) and 3.3V (TLE926xQXV33) output voltage for main voltage regulator
CAN Partial Networking variants for 5V (TLE926x-3QX) and 3.3V (TLE926x-3QXV33) output voltage
Device Description
The TLE9263QXV33 is a monolithic integrated circuit in an exposed pad VQFN-48 (7mm x 7mm) power package
with Lead Tip Inspection (LTI) feature to support Automatic Optical Inspection (AOI).
The device is designed for various CAN-LIN automotive applications as main supply for the microcontroller and
as interface for a LIN and CAN bus network.
To support these applications, the System Basis Chip (SBC) provides the main functions, such as a 3.3V low-
dropout voltage regulator (LDO) for e.g. a microcontroller supply, another 5V low-dropout voltage regulator with
off-board protection for e.g. sensor supply, another 3.3V/1.8V regulator to drive an external PNP transistor, which
can be used as an independent supply for off-board usage or in load sharing configuration with the main regulator
VCC1, a HS-CAN transceiver supporting CAN FD and LIN transceiver for data transmission, high-side switches
with embedded protective functions and a 16-bit Serial Peripheral Interface (SPI) to control and monitor the device.
Also implemented are a configurable timeout / window watchdog circuit with a reset feature, three Fail Outputs
and an under voltage reset feature.
The device offers low-power modes in order to minimize current consumption on applications that are connected
permanently to the battery. A wake-up from the low-power mode is possible via a message on the buses, via the
bi-level sensitive monitoring/wake-up inputs as well as via cyclic wake.
The device is designed to withstand the severe conditions of automotive applications.


Similar Part No. - TLE9263QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
More results

Similar Description - TLE9263QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9262QX INFINEON-TLE9262QX Datasheet
6Mb / 163P
   Dedicated Data Sheets are available for the different product variants
TLE9260QX INFINEON-TLE9260QX Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QXV33 INFINEON-TLE9262-3QXV33 Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9261QX INFINEON-TLE9261QX Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
TLE9263-3QX INFINEON-TLE9263-3QX Datasheet
7Mb / 198P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QX INFINEON-TLE9262-3QX Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9262QXV33 INFINEON-TLE9262QXV33 Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com