Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42644 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE42644
Description  Very Low Dropout Voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE42644_14 Datasheet HTML 3Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 4Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 5Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 6Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 7Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 8Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 9Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 10Page - Infineon Technologies AG TLE42644_14 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TLE42644
Electrical Characteristics
Data Sheet
7
Rev. 1.1, 2014-07-03
5
Electrical Characteristics
5.1
Electrical Characteristics Voltage Regulator
Table 4
Electrical Characteristics
V
I = 13.5 V; Tj = -40 °C to 150 °C; all voltages with respect to ground (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Output Q
Output Voltage
V
Q
4.95.0
5.1V
5 mA <
I
Q<50mA
6V <
V
I <16V
P_5.1.1
Output Voltage
V
Q
4.85
5.0
5.15
V
5 mA <
I
Q<100 mA
6V <
V
I <21V
P_5.1.2
Output Voltage At Low Output
Currents
V
Q
4.80
5.0
5.20
V
100 µA <
I
Q<5 mA
6V <
V
I <21V
P_5.1.3
Dropout Voltage
V
dr
–220
500
mV
I
Q = 100 mA
V
dr = VI VQ
1)
P_5.1.4
Load Regulation
V
Q, lo
5090mV
I
Q = 1 mA to 100 mA
V
I =13.5V
P_5.1.5
Line Regulation
V
Q, li
–530
mV
V
l = 6 V to 28 V
I
Q =1mA
P_5.1.6
Output Current Limitation
I
Q
150
200
500
mA
1)
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
P_5.1.7
Power Supply Ripple Rejection2)
2) not subject to production test, specified by design
PSRR
–68
dB
f
r =100 Hz; Vr = 0.5 Vpp
P_5.1.8
Overtemperature Shutdown
Threshold
T
j,sd
151–
200°C
T
j increasing
P_5.1.9
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–25
°C
T
j decreasing
P_5.1.10
Current Consumption
Quiescent Current
I
q = II IQ
I
q
4060µA
I
Q = 100 µA, Tj < 85 °C
P_5.1.11
Quiescent Current
I
q = II IQ
I
q
4070µA
I
Q = 100 µA
P_5.1.12
Current Consumption
I
q = II IQ
I
q
–1.7
4mA
I
Q = 50 mA
P_5.1.13


Similar Part No. - TLE42644_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42644G INFINEON-TLE42644G Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42644G INFINEON-TLE42644G Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
More results

Similar Description - TLE42644_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_14 Datasheet
947Kb / 15P
   Very Low Dropout Voltage
logo
E-Tech Electronics LTD
L1183B ETL-L1183B Datasheet
184Kb / 4P
   Very Low Dropout Voltage
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP706 ONSEMI-NCP706_17 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com