Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42644 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE42644
Description  Very Low Dropout Voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE42644 Datasheet HTML 1Page - Infineon Technologies AG TLE42644 Datasheet HTML 2Page - Infineon Technologies AG TLE42644 Datasheet HTML 3Page - Infineon Technologies AG TLE42644 Datasheet HTML 4Page - Infineon Technologies AG TLE42644 Datasheet HTML 5Page - Infineon Technologies AG TLE42644 Datasheet HTML 6Page - Infineon Technologies AG TLE42644 Datasheet HTML 7Page - Infineon Technologies AG TLE42644 Datasheet HTML 8Page - Infineon Technologies AG TLE42644 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
4
Rev. 1.1, 2014-07-03
TLE42644
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment PG-SOT223-4
Figure 2
Pin Configuration (top view)
3.2
Pin Definitions and Functions PG-SOT223-4
Pin No.
Symbol Function
1I
Input
block to ground directly at the IC with a ceramic capacitor
2GND
Ground
3Q
Output
block to ground with a capacitor close to the IC terminals, respecting the values given
for its capacitance and ESR in “Functional Range” on Page 5
4 / Heat Slug
GND
Ground / Heat Slug
internally connected to leadframe and GND;
connect to GND and heatsink area
AEP02868
123
4
GND
Ι
Q
GND


Similar Part No. - TLE42644

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42644G INFINEON-TLE42644G Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42644G INFINEON-TLE42644G Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
More results

Similar Description - TLE42644

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_14 Datasheet
947Kb / 15P
   Very Low Dropout Voltage
logo
E-Tech Electronics LTD
L1183B ETL-L1183B Datasheet
184Kb / 4P
   Very Low Dropout Voltage
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP706 ONSEMI-NCP706_17 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com