Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDG320240 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDG320240
Description  320 X 240 Dots Graphics
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDG320240 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDG320240_15 Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 88
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1VL
-
Operating voltage for LC
2V6
-
Bias voltage
3V3
-
4V4
-
5V5
-
6VSS
-
Ground
7VSS
-
Ground
8VDD
-Logic Power Supply
9
FLM
H/L
Frame Pulse
10
CL2
H/HÆL
Data Shift
11
M
H/L
Liquid Crystal AC drive signal
12
CL1
H/HÆL
Data latch signal
13
INHX
H/L
1=Display ON, 0=Display OFF
14
VSS
-
Ground
15
DB3
H/L
Data bus
16
DB2
H/L
17
DB1
H/L
18
DB0
H/L
Electrical Characteristics (VDD=3.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
0.8 VDD -VDD
V
INPUT LOW VOLTAGE
VIL
-
0
-
0.2 VDD V
OUTPUT HIGH VOLTAGE VOH
IOH=0.4mA VDD-0.4 -
-
V
OUTPUT LOW VOLTAGE
VOL
IOL=0.4mA
-
-
0.4
V
SUPPLY VOLTAGE
VDD
-
2.75
3.0
3.25
V
VL
-
15.2
15.4 15.6
V
POWER SUPPLY CUR-
RENT
IDD
VDD=3.0V
-
0.1
0.3
mA
IL
VEE=21.5V
-
0.55 1.0
mA
FRAME FREQUENCY
fFP
-65
72
80
Hz
DRIVE METHOD
1/240 DUTY
Physical Data
Module Size.....................................88.3W x 69.1H x 2.2T mm
Viewing Area Size.......................................79.8W x 60.6H mm
Dot Pitch.....................................................0.24W x 0.24H mm
Dot Size..................................................0.225W x 0.225H mm
Weight..............................................................................24.5g
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
-0.3
7.0
V
SUPPLY VOLTAGE FOR LCD
VL-VSS
-0.3
36.0
V
INPUT VOLTAGE
VIN
-7.0
V
OPERATING TEMPERATURE
TOP
-20
70
°C
STORAGE TEMPERATURE
TSTG
-30
80
°C
Dimension tolerance: +/-0.3mm
Dimensional Drawing
320 X 240 Dots Graphics
0.015
0.225
Features
Backlight.........................................................................NONE
Options...................................Gray STN / Yellow STN / FSTN
Normal/Extended Temperature
Bottom / Top Viewing
Built-in Controller.............................................................None
Features
HDG320240
B
5.0
9.0
4.0
32.0
MAX 1.0
MAX 1.0
ACTIVE AREA 76.785
VIEWING AREA 79.8
88.3±0.3
3.5075
2.0
83.3±0.3
5.0
CONDUCTORS
SUPPORT
Power Supply
B DETAIL
5.0
Chip On Glass technology


Similar Part No. - HDG320240_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDG320240 HANTRONIX-HDG320240 Datasheet
38Kb / 1P
   Chip On Glass technology 320 X 240 Dots Graphics
More results

Similar Description - HDG320240_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224-5-N30S HANTRONIX-HDM3224-5-N30S Datasheet
28Kb / 2P
   320 X 240 Dots Graphics LED Backlight
HDM3224-5-Y10S HANTRONIX-HDM3224-5-Y10S Datasheet
28Kb / 2P
   320 X 240 Dots Graphics LED Backlight
HDM3224-5 HANTRONIX-HDM3224-5 Datasheet
26Kb / 1P
   320 X 240 Dots Graphics LED Backlight
HDM3224-7 HANTRONIX-HDM3224-7 Datasheet
31Kb / 1P
   320 X 240 Dots Graphics Large Size CCFL Backlight
HDG320240 HANTRONIX-HDG320240 Datasheet
38Kb / 1P
   Chip On Glass technology 320 X 240 Dots Graphics
logo
HYES Optoelectronics, I...
HE326XX11 HYES-HE326XX11 Datasheet
176Kb / 1P
   320 X 240 Dots
HE326XX12 HYES-HE326XX12 Datasheet
184Kb / 1P
   320 X 240 Dots
HE326XX51 HYES-HE326XX51 Datasheet
177Kb / 1P
   320 X 240 Dots
logo
List of Unclassifed Man...
SG320240D ETC1-SG320240D Datasheet
49Kb / 2P
   SG320240D (320 DOTS X 240 DOTS)
SG320240B ETC-SG320240B Datasheet
127Kb / 2P
   LCD MODULE (320 DOTS X 240 DOTS )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com