Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT25C64A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT25C64A
Description  SPI Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT25C64A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT25C64A Datasheet HTML 1Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 2Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 3Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 4Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 5Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 6Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 7Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 8Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Fremont Micro Devices
FT25C64A DS
PIN DESCRIPTIONS
(A) CHIP SELECT ( CS )
The FT25C64A is selected when the CS pin is low. When the device is not selected, data will not be
accepted via the SI pin, and the serial output pin (SO) will remain in a high impedance state.
(B) Serial Input (SI)
The SI pin is used to transfer data into the device. It receives instructions, addresses, and data. Data is
latched on the rising edge of the serial clock.
(C)Serial Output (SO)
The SO pin is used to transfer data out of the FT25C64A. During a read cycle, data is shifted out on this pin
after the falling edge of the serial clock.
(D) Serial Clock (SCK)
The SCK is used to synchronize the communication between a master and the FT25C64A. Instructions,
addresses, or data present on the SI pin are latched on the rising edge of the clock input, while data on the
SO pin is updated after the falling edge of the clock input.
(E) Write Protect ( WP )
This pin is used in conjunction with the WPEN bit in the status register to prohibit writes to the non-volatile
bits in the status register. When WP is low and WPEN is high, writing to the non-volatile bits in the status
register is disabled. All other operations function normally. When WP is high, all functions, including
writes to the non-volatile bits in the status register operate normally. If the WPEN bit is set, WP low during
a status register write sequence will disable writing to the status register. If an internal write cycle has
already begun, WP going low will have no effect on the write. The WP pin function is blocked when the
WPEN bit in the status register is low. This allows the user to install the FT25C64A in a system with WP
pin grounded and still be able to write to the status register. The WP pin functions will be enabled when
the WPEN bit is set high.
(F) Hold ( HOLD )
The HOLD pin is used in conjunction with the CS pin to select the FT25C64A. When the device is
selected and a serial sequence is underway, HOLD can be used to pause the serial communication with
the master device without resetting the serial sequence. To pause, the HOLD pin must be brought low
while the SCK pin is low. To resume serial communication, the HOLD pin is brought high while the SCK
pin is low (SCK may still toggle during HOLD ). Inputs to the SI pin will be ignored while the SO pin is in the
high impedance state.
MEMORY ORGANIZATION
The FT25C64A devices have 256 pages respectively. Since each page has 32 bytes, random word
addressing to FT25C64A will require 13 bits data word addresses respectively.
© 2013 Fremont Micro Devices Inc.
Confidential Rev 0.80
DS25C64A-Page4


Similar Part No. - FT25C64A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT25C08A ETC2-FT25C08A Datasheet
402Kb / 16P
   SPI Serial EEPROM
FT25C16A ETC2-FT25C16A Datasheet
238Kb / 16P
   SPI Serial EEPROM
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
More results

Similar Description - FT25C64A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com