Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT838NB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT838NB
Description  Low-Power Off-Line CC/CV Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT838NB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT838NB Datasheet HTML 1Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 2Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 3Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 4Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 5Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 6Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 7Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 8Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fremont Micro Devices
FT838NB/FT838RNA
FT838RNA X - XX
FT838NB/FT838RNA
Table 2
MARKING RULE
Figure 3: Marking Rule
: Represents Version (0,1,2 or 3)
②③④⑤
: for internal reference
Device
DESIGNATOR
SYMBOL
Options
0
Cable Comp = 0%
1
Cable Comp = 3%
2
Cable Comp = 6%
FT838NB①
3
Cable Comp = 9%
FT838RNA
Cable Comp = 0%
For LED driver applications
Circuit Type
Package
Blank: SOP8
HSF and Packaging
RB: RoHS and Tube
RT: RoHS and T&R
GB: Green and Tube
GT: Green and T&R
© 2012 Fremont Micro Devices Inc.
Confidential Rev. 0.8
DS838NB/838RNA-A-page4


Similar Part No. - FT838NB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT838D ETC2-FT838D Datasheet
375Kb / 10P
   FT838D
FT838MBD ETC2-FT838MBD Datasheet
413Kb / 12P
   High Efficiency Off-Line CC/CV Switch
More results

Similar Description - FT838NB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT839NB ETC2-FT839NB Datasheet
377Kb / 14P
   High Efficiency Off-Line CC/CV Switch
FT838MBD ETC2-FT838MBD Datasheet
413Kb / 12P
   High Efficiency Off-Line CC/CV Switch
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Shenzhen Developer Micr...
DP2525F DEPUW-DP2525F Datasheet
1Mb / 11P
   Quasi-Resonant PSR CC/CV PWM Power Switch
Rev.1.1
logo
AiT Semiconductor Inc.
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
   PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
   PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
logo
SHENZHEN CHENGXINWEI TE...
CX7501 CXW-CX7501 Datasheet
2Mb / 10P
   Quasi-Resonant PSR CC/CV PWM Power Switch
logo
SHENZHEN FUMAN ELECTRON...
TC2201 FUMAN-TC2201 Datasheet
263Kb / 6P
   Dual CC/CV Mode Switch Controller
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Unisonic Technologies
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com