Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46002-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM46002-Q1
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM46002-Q1_15 Datasheet HTML 6Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 7Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 8Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 9Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 10Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 11Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 12Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 13Page - Texas Instruments LM46002-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.0
12.2
12.4
12.6
12.8
13.0
13.2
13.4
VIN (V)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
C005
22.4
22.6
22.8
23.0
23.2
23.4
23.6
23.8
24.0
24.2
24.4
24.0
24.5
25.0
25.5
26.0
VIN (V)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
C006
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
VIN (V)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
C003
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
VIN (V)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
C004
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.5
4.0
4.5
5.0
VIN (V)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
C013
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
VIN (V)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
C002
LM46002-Q1
SNVSAA2A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 10 µH, COUT = 150 µF, CFF = 47 pF. Please refer to
Application Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
VOUT = 5 V
FS = 200 kHz
Figure 13. Drop-Out Curve
Figure 14. Drop-Out Curve
VOUT = 5 V
FS = 500 kHz
VOUT = 5 V
FS = 1 MHz
Figure 15. Drop-Out Curve
Figure 16. Drop-Out Curve
VOUT = 12 V
FS = 500 kHz
VOUT = 24 V
FS = 500 kHz
Figure 17. Drop-Out Curve
Figure 18. Drop-Out Curve
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM46002-Q1


Similar Part No. - LM46002-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46002-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com