Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM08216L-3 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM08216L-3
Description  8 Character x 2 Lines LED Backlight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM08216L-3 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM08216L-3_15 Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 79
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
2.2
--V
INPUT LOW VOLTAGE
VIL
-
--0.6
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
2.4
--V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
-
-
0.4
V
POWER SUPPLY CURRENT IDD
VDD=5.0V
-
0.8
2.0
mA
POWER SUPPLY FOR LCD
VDD-VL TA=25°C
4.0
5.0
5.5
V
LED FORWARD VOLTAGE
VF
IF=60mA
3.8
4.0
4.2
V
BRIGHTNESS
L
IF=60mA
82
103
-
NIT
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
07.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
013.5
V
INPUT VOLTAGE
VIN
VSS
VDD
V
OPERATING TEMPERATURE
TOP
050
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
LED FORWARD CURRENT
IF
-
120
mA
LED REVERSE VOLTAGE
VR
-
8V
LED POWER CONSUMPTION
PD
-
600
mW
Physical Data
Module Size...................................58.0W x 32.0H x 12.8T mm
Viewing Area Size..........................................38.0W x 16H mm
Weight.................................................................................18g
Block Diagram
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1VSS
-0V
Power supply
2VDD
-5V
3VL
--
4RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6E
H,H→L
Enable signal
7D0
H/L
Data bus
8D1
H/L
9D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
A
-
Anode for LED Backlight
16
K
-
Cathode for LED Backlight
2.96
0.6
0.04
0.56
0.66
0.04
5.56
0.38
Dimension tolerance: +/-0.3mm
Dimensional Drawing
8 Character x 2 Lines LED Backlight
Features
Character Format .................................. 5x7 Dots with Cursor
Backlight.............................................................................LED
Options.TN/Gray STN/Yellow STN, 12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
HDM08216L-3
D0 - D7
E
R/W
RS
VL
VDD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
LED BACKLIGHT
COM 1 - 16
SEG 40
4
DRIVER
20
RESISTOR SUPPLIED BY USER
12.8 MAX
1.6
2.5
4
∅1.0
4
∅2.5
27.88
38.0
44.2
1.7
2.54
1
15
16-
∅1.0
53.0
58±0.5
8.9


Similar Part No. - HDM08216L-3_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM08216L-3-L30S HANTRONIX-HDM08216L-3-L30S Datasheet
42Kb / 2P
   8 Character x 2 Lines LED Backlight
More results

Similar Description - HDM08216L-3_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM08216L HANTRONIX-HDM08216L Datasheet
28Kb / 1P
   8 Character x 2 Lines LED Backlight
HDM08216L-3 HANTRONIX-HDM08216L-3 Datasheet
30Kb / 1P
   8 Character x 2 Lines LED Backlight
HDM08216L-3-L30S HANTRONIX-HDM08216L-3-L30S Datasheet
42Kb / 2P
   8 Character x 2 Lines LED Backlight
HDM40216L HANTRONIX-HDM40216L_15 Datasheet
46Kb / 1P
   40 Character x 2 Lines LED Backlight
HDM12216L HANTRONIX-HDM12216L Datasheet
31Kb / 1P
   12 Character x 2 Lines LED Backlight
HDM40216L HANTRONIX-HDM40216L Datasheet
31Kb / 1P
   40 Character x 2 Lines, LED Backlight
HDM40216L-1 HANTRONIX-HDM40216L-1_15 Datasheet
45Kb / 1P
   40 Character x 2 Lines LED Backlight
HDM20216L HANTRONIX-HDM20216L Datasheet
30Kb / 1P
   20 Character x 2 Lines, LED Backlight
HDM20216L-1-Y10S HANTRONIX-HDM20216L-1-Y10S Datasheet
40Kb / 2P
   20 Character x 2 Lines, LED Backlight
HDM40216L-1-L30S HANTRONIX-HDM40216L-1-L30S Datasheet
48Kb / 2P
   40 Character x 2 Lines, LED Backlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com