Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62566DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62566DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62566DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV62566DBVT Datasheet HTML 1Page - Texas Instruments TLV62566DBVT Datasheet HTML 2Page - Texas Instruments TLV62566DBVT Datasheet HTML 3Page - Texas Instruments TLV62566DBVT Datasheet HTML 4Page - Texas Instruments TLV62566DBVT Datasheet HTML 5Page - Texas Instruments TLV62566DBVT Datasheet HTML 6Page - Texas Instruments TLV62566DBVT Datasheet HTML 7Page - Texas Instruments TLV62566DBVT Datasheet HTML 8Page - Texas Instruments TLV62566DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
4
5
VIN
SW
GND
FB
EN/PG
TLV62565, TLV62566
www.ti.com
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
6 Device Comparison Table
PART NUMBER
FUNCTION
TLV62565
EN
TLV62566
PG
7 Pin Configuration and Functions
5-Pin SOT-23
DBV Package
(Top View)
Pin Functions
PIN
NUMBER
I/O/PWR
DESCRIPTION
NAME
TLV62565
TLV62566
Device enable logic input. Logic HIGH enables the device, logic low disables the device
EN
1
I
and turns it into shutdown.
Feedback pin for the internal control loop. Connect this pin to the external feedback
FB
5
5
I
divider.
GND
2
2
PWR
Ground pin.
Power Good open drain output. This pin is high impedance if the output voltage is within
PG
1
O
regulation. It is pulled low if the output is below its nominal value. It is also in logic low
when VIN below UVLO or thermal shutdown triggers.
Switch pin connected to the internal MOSFET switches and inductor terminal. Connect
SW
3
3
PWR
the inductor of the output filter to this pin.
VIN
4
4
PWR
Power supply voltage input.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV62565 TLV62566


Similar Part No. - TLV62566DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62566DBV TI1-TLV62566DBV Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results

Similar Description - TLV62566DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
   High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com