Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS544B20 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS544B20
Description  TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS544B20 Datasheet(HTML) 5 Page - Texas Instruments

  TPS544B20_15 Datasheet HTML 1Page - Texas Instruments TPS544B20_15 Datasheet HTML 2Page - Texas Instruments TPS544B20_15 Datasheet HTML 3Page - Texas Instruments TPS544B20_15 Datasheet HTML 4Page - Texas Instruments TPS544B20_15 Datasheet HTML 5Page - Texas Instruments TPS544B20_15 Datasheet HTML 6Page - Texas Instruments TPS544B20_15 Datasheet HTML 7Page - Texas Instruments TPS544B20_15 Datasheet HTML 8Page - Texas Instruments TPS544B20_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
TPS544B20, TPS544C20
www.ti.com
SLUSB69 – MAY 2014
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN, VDD
–0.3
20
BOOT
–0.3
37
Input voltage range
BOOT – SW (BOOT to SW differential)
–0.3
7
V
CLK, DATA
–0.3
3.6
FB, SYNC, CNTL, VOUTS–, VOUTS+, BPEXT
–0.3
7
BP6
–0.3
7
SW
–1
30
Output voltage range
SW ( > 50 ns, > 10 µJ)
-5
30
V
COMP, DIFFO, SMBALERT, PGOOD
–0.3
7
ADDR0, ADDR1, BP3, RT, TSNS
–0.3
3.6
TJ operating junction temperature range
–40
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other
conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate conditions at
which the device is functional and the device should not be operated beyond such conditions.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
(3)
If Military or Aerospace specified devices are required, contact the Texas Instruments Sales/Office/Distributors for availability and
specifications.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2000
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–500
500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Controller input voltage
4.5
18
V
VIN
Power stage input voltage
4.5
18
V
TJ
Junction temperature
–40
125
°C
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS544B20_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20_16 Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544B20_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com