Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62565 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV62565 Datasheet HTML 2Page - Texas Instruments TLV62565 Datasheet HTML 3Page - Texas Instruments TLV62565 Datasheet HTML 4Page - Texas Instruments TLV62565 Datasheet HTML 5Page - Texas Instruments TLV62565 Datasheet HTML 6Page - Texas Instruments TLV62565 Datasheet HTML 7Page - Texas Instruments TLV62565 Datasheet HTML 8Page - Texas Instruments TLV62565 Datasheet HTML 9Page - Texas Instruments TLV62565 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
8.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
vs Load current (VOUT = 1.8 V, VIN = 2.7 V, 3.6 V, 5.5 V)
Figure 1
Efficiency
vs Load current (VOUT = 1.2 V, VIN = 2.7 V, 3.6 V, 5.5 V)
Figure 2
vs Load current (VOUT = 3.3 V, VIN = 4.2 V, 5.5 V)
Figure 3
vs Input voltage (Line regulation, VOUT = 1.8 V, Load = 0.5 A,1 A,1.5 A)
Figure 4
Output voltage
vs Load current (Load regulation, VOUT = 1.8 V, VIN = 2.7 V, 3.6 V, 5.5 V)
Figure 5
Quiescent current
vs Input voltage
Figure 6
vs Input voltage, High-Side FET
Figure 7
RDS(on)
vs Input voltage, Low-Side FET
Figure 8
Switching frequency
vs Load current, VOUT = 1.8 V
Figure 9
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566


Similar Part No. - TLV62565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
TLV62565DBV TI1-TLV62565DBV Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results

Similar Description - TLV62565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
   High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com