Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # PSB
Description  chip type power shunt resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PSB Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  PSB Datasheet HTML 1Page - KOA Speer Electronics, Inc. PSB Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
1/24/14
PSB
chip type power shunt resistor
features
Smooth current flow, suitable for large
current detecting
Easy to absorb the thermal expansion,
because of KOA’s original terminal structure
Low height suitable for use of thin modules
Automatic mounting machines are applicable
Marking: Black body color
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
AEC-Q200 Qualified
EU
dimensions and construction
1.0m
.118±.010
(3.0±0.25)
PSB
(4033)
t
d
W
L
Resist.
(Ω)
Dimensionsinches(mm)
0.75m
.394±.010
(10.0±0.25)
.331±.010
(8.4±0.25)
.026±.010
(0.65±0.25)
.138±.010
(3.5±0.25)
0.2m
.150±.010
(3.8±0.25)
.043±.010
(1.1±0.25)
Type
ordering information
F: ±1%
T: Sn
All values less than
0.1Ω (100mΩ) are
expressed in mΩ
with “L” as decimal
Ex: 0.75mΩ = L750
1mΩ = 1L00
B:
New7W:0.2m
6W: 0.75mΩ, 1mΩ
TEB: Embossed plastic
PS
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
Packaging
NewPart#
B
TEB
1L00
F
T
d
W
L
t
Resistive
Element
Electrode
Solder
Protective
Coating
(InchSizeCode)


Similar Part No. - PSB

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
logo
Illinois Capacitor, Inc...
PSB ILLINOISCAPACITOR-PSB Datasheet
433Kb / 11P
   Power semiconductor module protection - High pulse and rms current ??Multiple Leads
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-1012 PMI-PSB-1012 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-1012D PMI-PSB-1012D Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results

Similar Description - PSB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSI KOA-PSI Datasheet
384Kb / 2P
   chip type power shunt resistor
PSBTTEB KOA-PSBTTEB Datasheet
86Kb / 2P
   chip type power shunt resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
logo
HOKURIKU ELECTRIC INDUS...
PCR16-103JV HOKURIKU-PCR16-103JV Datasheet
212Kb / 2P
   High Power Type Chip Resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
   SHUNT RESISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com