Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6183 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6183
Description  50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6183 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6183 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6183 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6183 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz from Pasternack Enterprises has same day ship-
ment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz PE6183
URL: http://www.pasternack.com/0.5-watts-smp-female-rf-load-up-to-18-ghz-pe6183-p.aspx
PE6183
PE6183 REV
50 Ohm 0.5 Watts Beryllium Copper SMP
Female RF Load Up To 18 GHz


Similar Part No. - PE6183

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6183 PASTERNACK-PE6183 Datasheet
421Kb / 3P
   0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
PE6183 PASTERNACK-PE6183_16 Datasheet
421Kb / 3P
   0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
More results

Similar Description - PE6183

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6184 PASTERNACK-PE6184 Datasheet
213Kb / 3P
   50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 18 GHz
PE6181 PASTERNACK-PE6181 Datasheet
218Kb / 3P
   50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz
PE6182 PASTERNACK-PE6182 Datasheet
219Kb / 3P
   50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz
PE6183 PASTERNACK-PE6183_16 Datasheet
421Kb / 3P
   0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
PE6087 PASTERNACK-PE6087 Datasheet
370Kb / 3P
   50 Ohm 0.5 Watts Precision 2.92mm Female RF Load Up To 40 GHz
PE6184 PASTERNACK-PE6184_16 Datasheet
420Kb / 3P
   0.25 Watt RF Load Up to 18 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
PE6162 PASTERNACK-PE6162_16 Datasheet
425Kb / 4P
   0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PE6800 PASTERNACK-PE6800 Datasheet
206Kb / 2P
   50 Ohm 0.5 Watts WR-28 RF Load Up To 40 GHz
PE6163 PASTERNACK-PE6163_16 Datasheet
418Kb / 3P
   0.5 Watt RF Load Up to 40 GHz With Mini SMP Male Input Gold Plated Beryllium Copper
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
   50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com