Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR1E-2A-TLRZ Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TLR1E-2A-TLRZ
Description  metal plate chip type low resistance resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TLR1E-2A-TLRZ Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TLR1E-2A-TLRZ Datasheet HTML 1Page - KOA Speer Electronics, Inc. TLR1E-2A-TLRZ Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TLR
metal plate chip type low resistance resistor
applications and ratings
DeratingCurve
TemperatureRise
environmental applications
Parameter
Requirement∆R%
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/+100°C
Within regulated
tolerance
Within specified
T.C.R.
Resistance to Solder Heat
260°C ± 5°C, 10 ~ 12 seconds
±1
±0.01
Rapid Change of Temperature
1E: -55°C (30 minutes), +125°C (30 minutes), 1000 cycles
2A: -55°C (15 minutes), +150°C (15 minutes), 1000 cycles
±1
±0.2
Moisture Resistance
85°C, 85%RH, 1000 hours, 10% Bias
±1
±0.3
Overload (Short time)
1E: Rated power x 5 for 5 seconds
2A: Rated power x 2.5 for 5 seconds
±1
1E: ±0.15
2A: ±0.05
Endurance at 105°C and Less
of Terminal Part Temperature
Terminal part temperature: 105°C, 1000 hours, 1.5 hr ON,
0.5 hr OFF cycle
±1
±0.4
Low Temperature Exposure
-65°C, 96 hours
±1
±0.05
High Temperature
Exposure
1E: 125°C, 1000 hours
2A: 155°C, 1000 hours
1E: ±1
2A:
±1 (2~4m, 7~10m)
±2 (5m, 6m)
1E: ±0.3
2A:
±0.5 (2~4m, 7~10m)
±0.8 (5m, 6m)
Solder
Joint
2
Hot
Spot
1
Resistance
Tolerance
Standard
Resistance
(Ω)
Part
Designation
Operating
Temperature
Range
Power
Rating
@70°C
T.C.R.
(ppm/°C)
Max.
10m
TLR1E
0.2W
-65°C to +125°C
TLR2A
1W
2m, 3m, 4m, 5m, 6m,
7m, 8m, 9m, 10m
-65°C to +155°C
––
––
±100
G: ±2%,
J: ±5%
±100
Current
Rating
––
––
F: ±1%
Connection
Temperature
105°C
105°C
Rated
TerminalPart
Temperature
PerformanceCharacteristics
For resistors operated at an ambient temperature of 105°C
or above, a power rating shall be derated in accordance
with the above derating curve.
125
75
50
25
25
50
75
100
% Rated Power
0
0
1
100
2
TLR1E
150
75
50
25
25
50
75
100
% Rated Power
0
0
1
100
2
125
2
5mΩ
5mΩ
10mΩ
10mΩ
1
TLR2A
100
80
60
40
20
-80
-60 -40
0
40
60 80 100
180
105
20
Terminal Part Temperature
(°C)
0
160
-20
140
125
1E
-65
155
2A
Note: Please contact factory for the TLRZ Performance Characteristics
0.2m max.
TLRZ1J
––
-55°C to +155°C
TLRZ2A
––
0.2m max.
-55°C to +155°C
105°C and less
105°C and less
––
––
––
20A
20A
––
––
––
For resistors operated at a terminal part temperature of described for each size
or above, a power rating shall be derated in accordance with the derating curve.
Please refer to “Introduction of the derating curve based on the terminal part
temperature” on the beginning of our catalog before use.
57
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/30/14


Similar Part No. - TLR1E-2A-TLRZ

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
   metal plate chip type low resistance resistor
More results

Similar Description - TLR1E-2A-TLRZ

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
   Chip-Type Metal Plate Low-Resistance Resistor
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
   metal plate chip type low resistance resistor
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
   METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
   Metal Plate Resistor Cement Type
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
logo
HOKURIKU ELECTRIC INDUS...
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
   Flat Type Low Resistance Chip Resistor
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
   Low Resistance Metal Element Resistor
logo
List of Unclassifed Man...
LRMAM1206-R03FT5 ETC2-LRMAM1206-R03FT5 Datasheet
389Kb / 3P
   Low Resistance Metal Alloy Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com