Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB12AG-8-TW-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BTB12AG-8-TW-TA3-T
Description  12A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB12AG-8-TW-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  BTB12AG-8-TW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB12AG-8-TW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB12AG-8-TW-TA3-T Datasheet HTML 3Page - Unisonic Technologies BTB12AG-8-TW-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BTB12A
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R401-056.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current (Full Sine Wave) TC=90°C
IT(RMS)
12
A
Non Repetitive Surge Peak
On-State Current (Full Cycle,
TJ initial=25°C)
F=50 Hz
t=20ms
ITSM
120
A
F=60 Hz
t=16.7ms
126
A
I
2t Value for Fusing
tP=10ms
I
2t
78
A
2s
Critical Rate of Rise of
On-State Current IG=2xIGT,
tr≤100ns
F=120 Hz TJ=125°C
dI/dt
50
A/µs
Non Repetitive Surge Peak
Off-State Voltage
tP=10ms
TJ=25°C
VDSM/VRSM
VDRM/VRRM+100
V
Peak Gate Current
tP=20µs
TJ=125°C
IGM
4
A
Average Gate Power Dissipation
TJ=125°C
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+125
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (AC)
θJC
1.4
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified)
FOR SNUBBERLESS TYPE and LOGIC LEVEL TYPE (3 QUADRANTS
PARAMETER SYMBOL
TEST
CONDITIONS
TW
SW
CW
BW
UNIT
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
Gate Trigger
Current
(Note 1)
IGT
VD=12V,
RL=30Ω
I-II-III
5
10
35
50
mA
Gate Trigger
Voltage
VGT
I-II-III
1.3
1.3
1.3
1.3
V
Gate
Non-Trigger
Voltage
VGD
VD=VDRM,
RL=3.3kΩ,
TJ=125°C
I-II-III
0.2
0.2
0.2
0.2
V
Holding Current
(Note 2)
IH
IT=100mA
10
15
35
50
mA
Latching
Current
IL
IG=1.2IGT
I-III
10
25
50
70
mA
II
15
30
60
80
mA
Critical Rate of
Rise of
Off-State
Voltage
(Note 2)
dV/dt
VD=67%VDRM,
Gate Open,
TJ=125°C
20
40
500
1000
V/μs
Critical Rate of
Rise of
Off-State
Voltage at
Commutation
(Note 2)
(dI/dt)c
(dV/dt)c=0.1V/µs,
TJ=125°C
3.5
6.5
A/ms
(dV/dt)c=10V/µs,
TJ=125°C
1
2.9
Without Snubber
TJ=125°C
6.5
12
Notes: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


Similar Part No. - BTB12AG-8-TW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTB12A UTC-BTB12A Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-6-BW-TA3-T UTC-BTB12AL-6-BW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-CW-TA3-T UTC-BTB12AL-8-CW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-SW-TA3-T UTC-BTB12AL-8-SW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-TW-TA3-T UTC-BTB12AL-8-TW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
More results

Similar Description - BTB12AG-8-TW-TA3-T

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com