Electronic Components Datasheet Search |
|
660-023 Datasheet(PDF) 1 Page - Glenair, Inc. |
|
660-023 Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 Printed in U.S.A. www.glenair.com CAGE CODE 06324 © 2010 Glenair, Inc. E-Mail: sales@glenair.com H-46 H 660-023 (Plug) - 660-024 (Receptacle) Protective Covers MIL-C-38999 Series III Threaded Metric dimensions (mm) are indicated in parentheses. MIL-C-38999 Series III Length E Thread Attachment Type (Table III) .906 (23.0) Max Gasket G 660-024 Receptacle Cover E Thread F Length 1.180 (30.0) Max Attachment Type (Table III) 660-023 Plug Cover Gasket Basic Part No. 660-023 Plug 660-024 Receptacle Shell Size 660-023 M 15 S 5 - 04 Attachment Length (Inches) Ring or Eyelet Dash No. (Tables IV, V, VI, VII) SHELL SIZE DIMENSIONS Shell Size Shell Size Code Ref. E Thread F Max G Max 09 A .6250-0.1P-0.3L-TS .906 (23.0) .906 (23.0) 11 B .7500-0.1P-0.3L-TS 1.024 (26.0) 1.102 (28.0) 13 C .8750-0.1P-0.3L-TS 1.220 (31.0) 1.220 (31.0) 15 D 1.0000-0.1P-0.3L-TS 1.300 (33.0) 1.260 (32.0) 17 E 1.1875-0.1P-0.3L-TS 1.457 (37.0) 1.457 (37.0) 19 F 1.2500-0.1P-0.3L-TS 1.575 (40.0) 1.535 (39.0) 21 G 1.3750-0.1P-0.3L-TS 1.732 (44.0) 1.654 (42.0) 23 H 1.5000-0.1P-0.3L-TS 1.811 (46.0) 1.772 (45.0) 25 J 1.6250-0.1P-0.3L-TS 1.969 (50.0) 1.929 (49.0) Attachment Type (Table III) Finish (Table II) TABLE II: FINISHES Symbol Finish B Cadmium Plate, Olive Drab C Anodize, Black GB Black Anodize, Hard Coat M Electroless Nickel N Cad Plate, Olive Drab over Electroless Nickel NF Cadmium Plate, Olive Drab over Electroless Nickel MT Ni-PTFE 1000 Hour GreyTM Nickel Fluorocarbon Polymer Z1 Stainless Steel Passivate ZN Zinc-Nickel |
Similar Part No. - 660-023 |
|
Similar Description - 660-023 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |