Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300830238 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300830238
Description  Woodhead POW-R-MITE Industrial Duty Cable Reel, 10/6 SOW, 6.10m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300830238 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300830238 Datasheet HTML 1Page - Molex Electronics Ltd. 1300830238 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300830238
Status:
Active
Overview:
Electric Reels
Description:
Woodhead® POW-R-MITE® Industrial Duty Cable Reel, 10/6 SOW, 6.10m (20.0') Cord
Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR29921
UL
E22769
General
Product Family
Electric Reels
Series
130083
Cable Length
N/A
Comments
Applications: Vertical Lift, Drag, Recovery and
Horizontal Stretch with 10% Sag.
Depth
0.34m (13.50")
Duty
Industrial
Enclosure Rating
NEMA 4
Height
0.37m (14.50")
NEMA Configuration
N/A
Overview
Electric Reels
Product Literature Order No
987650-8062
Product Name
POW-R-MITE®
Type
Cable Reel
UPC
78678879235
Width
274.83mm (10.820")
Woodhead
Yes
Physical
Cable Movement
Ratchet Lock
Cord Length
6.10m (20.0')
Drum Lock
Ratchet
Guide Arm
5° increments over 270° Arc
Material - Coating
Powder Coating
Material - Housing
Cast Aluminum
Mounting Style
Rigid
Number of Conductors
6
Packaging Type
Carton
Primary Cord/Cable Entry
1" NPT
Retraction Weight
1.8kg (4.0 lb)
Wire Size AWG
10
Electrical
Bulb Included
N/A
Cord Type
10/6 SOW
Current - Maximum per Contact
14.0A
GFCI
No
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
On/Off Switch
N/A
Voltage - Maximum
600V
Material Info
Old Part Number
92464
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130083 Series


Similar Part No. - 1300830238

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300830230 MOLEX11-1300830230 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/10 SOW, 6.10m
1300830231 MOLEX11-1300830231 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 16/12 SOW, 9.14m
1300830232 MOLEX11-1300830232 Datasheet
39Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 12/3 SOW, 15.24m
1300830233 MOLEX11-1300830233 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 10/3 SOW, 12.19m
1300830234 MOLEX11-1300830234 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 12/4 SOW, 12.19m
More results

Similar Description - 1300830238

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130083-0238 MOLEX11-130083-0238 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 10/6 SOW, 6.10m
1300830230 MOLEX11-1300830230 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/10 SOW, 6.10m
1300840318 MOLEX11-1300840318 Datasheet
39Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 10/3 SOW, 6.10m
1300830248 MOLEX11-1300830248 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/8 SOW, 6.10m
130083-0248 MOLEX11-130083-0248 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/8 SOW, 6.10m
130083-0230 MOLEX11-130083-0230 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/10 SOW, 6.10m (20.0) Cord Length
130083-0247 MOLEX11-130083-0247 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/6 SOW, 10.67m
1300830237 MOLEX11-1300830237 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 12/6 SOW, 9.14m
1300830247 MOLEX11-1300830247 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/6 SOW, 10.67m
130083-0237 MOLEX11-130083-0237 Datasheet
63Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 12/6 SOW, 9.14m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com