Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5A27T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SM5A27T
Description  High Temperature Stability and High Reliability Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM5A27T Datasheet(HTML) 3 Page - Vishay Siliconix

  SM5A27T Datasheet HTML 1Page - Vishay Siliconix SM5A27T Datasheet HTML 2Page - Vishay Siliconix SM5A27T Datasheet HTML 3Page - Vishay Siliconix SM5A27T Datasheet HTML 4Page - Vishay Siliconix SM5A27T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SM5A27T
www.vishay.com
Vishay General Semiconductor
Revision: 24-Mar-15
3
Document Number: 87913
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Pulse Waveform
Fig. 4 - Reverse Power Capability
Fig. 5 - Typical Instantaneous Forward Characteristics
Fig. 6 - Typical Reverse Characteristics
Fig. 7 - Typical Transient Thermal Impedance
0
50
100
150
0
10
20
30
40
t - Time (ms)
td
tr = 10 μs
Peak Value
IPPM
Half Value -
IPPM
IPP
2
TJ = 25 °C
Pulse Width (td) is
Defined as the Point
Where the Peak Current
Decays to 50 % of IPPM
1000
10 000
10
100
Pulse Width (ms) - ½ IPP Exponential Waveform
100
10
1.0
0.1
0.01
0.35
0.45
0.55
0.65
0.75
0.85
0.95
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 25 °C
100
10
1
0.1
0.01
0.001
0.0001
Percentage of VBR (%)
5
2035
5065
80
95
T
J = 25 °C
T
J = 175 °C
t - Pulse Width (s)
100
100
10
10
1
1
0.1
0.1
0.01
0.01
RθJC
RθJA


Similar Part No. - SM5A27T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5A27T VISHAY-SM5A27T Datasheet
120Kb / 5P
   Surface Mount PAR짰 Transient Voltage Suppressors
01-Jan-2022
SM5A27T VISHAY-SM5A27T_V01 Datasheet
120Kb / 5P
   Surface Mount PAR짰 Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SM5A27T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
   High Temperature Stability and High Reliability Conditions
Revision: 03-Jul-15
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
logo
List of Unclassifed Man...
RG1608P-204 ETC2-RG1608P-204 Datasheet
179Kb / 3P
   High Reliability and Excellent Stability at different environmental conditions
RG1005P-123 ETC2-RG1005P-123 Datasheet
179Kb / 3P
   High Reliability and Excellent Stability at different environmental conditions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com