Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULPO Datasheet(PDF) 6 Page - PETERMANN-TECHNIK

Part # ULPO
Description  Excellent long time reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

ULPO Datasheet(HTML) 6 Page - PETERMANN-TECHNIK

  ULPO_15 Datasheet HTML 1Page - PETERMANN-TECHNIK ULPO_15 Datasheet HTML 2Page - PETERMANN-TECHNIK ULPO_15 Datasheet HTML 3Page - PETERMANN-TECHNIK ULPO_15 Datasheet HTML 4Page - PETERMANN-TECHNIK ULPO_15 Datasheet HTML 5Page - PETERMANN-TECHNIK ULPO_15 Datasheet HTML 6Page - PETERMANN-TECHNIK ULPO_15 Datasheet HTML 7Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE 6 OF 7
I SPEC 01 I REV.00 I OCTOBER 2015
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
ORDERING INFORMATION
EXAMPLE: ULPO-18-1508-S-100-W-6.144MHz-T-S
PLEASE INDICATE YOUR REQUIRED PARAMETERS
OUTPUT DRIVE
STRENGTH(5)
“S” Standard
(datasheet limits)
OSCILLATOR
FAMILY
ULPO
TEMPERATURE
RANGE
“M” for -20 +70°C
“W” for -40 +85°C
FREQUENCY
1.000000 to
26.000000 MHz
PACKAGE SIZE
“1508” for 1.5 X 0.8 mm
ULPO-18-1508-S-100-W-6.144MHz-T-S
PACKING METHOD
“T”: TAPE & REEL
3000 pcs. per Reel
Smaller quantities possible
FREQUENCY
STABILITY
“100” for ±100 PPM
SUPPLY VOLTAGE
“18“ for 1.8V
FEATURE PIN 1
“S” for STANDBY
Notes:
5. Contact Petermann-Technik for other drive strength options that result in different rise/fall time for any given output load.


Similar Part No. - ULPO_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
ULPO-RB1 PETERMANN-ULPO-RB1_15 Datasheet
1Mb / 10P
   Excellent long time reliability
ULPO-RB2 PETERMANN-ULPO-RB2_15 Datasheet
1Mb / 10P
   Pin-compatible to 2012 XTAL SMD packaging
More results

Similar Description - ULPO_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
ULPO-RB1 PETERMANN-ULPO-RB1_15 Datasheet
1Mb / 10P
   Excellent long time reliability
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com