Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1422DH Datasheet(PDF) 10 Page - Vishay Telefunken

Part # SI1422DH
Description  N-Channel 12 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1422DH Datasheet(HTML) 10 Page - Vishay Telefunken

Back Button SI1422DH Datasheet HTML 4Page - Vishay Telefunken SI1422DH Datasheet HTML 5Page - Vishay Telefunken SI1422DH Datasheet HTML 6Page - Vishay Telefunken SI1422DH Datasheet HTML 7Page - Vishay Telefunken SI1422DH Datasheet HTML 8Page - Vishay Telefunken SI1422DH Datasheet HTML 9Page - Vishay Telefunken SI1422DH Datasheet HTML 10Page - Vishay Telefunken SI1422DH Datasheet HTML 11Page - Vishay Telefunken SI1422DH Datasheet HTML 12Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN815
Vishay Siliconix
Document Number: 71334
12-Dec-03
www.vishay.com
3
Time (Secs)
FIGURE 4.
Leadframe Comparison on EVB
0
1
400
80
160
100
1000
240
10
10-1
10-2
10-3
10-4
10-5
Alloy
42
320
Time (Secs)
FIGURE 5.
Leadframe Comparison on Alloy 42 1-inch2 PCB
0
1
250
50
100
100
1000
150
10
10-1
10-2
10-3
10-4
10-5
200
Copper
Copper
Alloy
42


Similar Part No. - SI1422DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1422DH VISHAY-SI1422DH Datasheet
264Kb / 12P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 31-May-10
More results

Similar Description - SI1422DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com