Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1424ED Datasheet(PDF) 11 Page - Vishay Telefunken

Part # SI1424ED
Description  N-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1424ED Datasheet(HTML) 11 Page - Vishay Telefunken

Back Button SI1424ED Datasheet HTML 4Page - Vishay Telefunken SI1424ED Datasheet HTML 5Page - Vishay Telefunken SI1424ED Datasheet HTML 6Page - Vishay Telefunken SI1424ED Datasheet HTML 7Page - Vishay Telefunken SI1424ED Datasheet HTML 8Page - Vishay Telefunken SI1424ED Datasheet HTML 9Page - Vishay Telefunken SI1424ED Datasheet HTML 10Page - Vishay Telefunken SI1424ED Datasheet HTML 11Page - Vishay Telefunken SI1424ED Datasheet HTML 12Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72602
18
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SC-70: 6-Lead
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.067
(1.702)
0.016
(0.406)
0.026
(0.648)
0.010
(0.241)
Return to Index
Return to Index


Similar Part No. - SI1424ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1424EDH VISHAY-SI1424EDH Datasheet
265Kb / 12P
   N-Channel 20 V (D-S) MOSFET
Rev. B, 11-Apr-11
SI1424EDH VISHAY-SI1424EDH Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1424EDH-T1-GE3 VISHAY-SI1424EDH-T1-GE3 Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1424EDH VISHAY-SI1424EDH_V01 Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1424ED

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com