Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1442DH Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI1442DH
Description  N-Channel 12 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1442DH Datasheet(HTML) 1 Page - Vishay Telefunken

  SI1442DH Datasheet HTML 1Page - Vishay Telefunken SI1442DH Datasheet HTML 2Page - Vishay Telefunken SI1442DH Datasheet HTML 3Page - Vishay Telefunken SI1442DH Datasheet HTML 4Page - Vishay Telefunken SI1442DH Datasheet HTML 5Page - Vishay Telefunken SI1442DH Datasheet HTML 6Page - Vishay Telefunken SI1442DH Datasheet HTML 7Page - Vishay Telefunken SI1442DH Datasheet HTML 8Page - Vishay Telefunken SI1442DH Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si1442DH
New Product
Document Number: 63772
S12-0546-Rev. A, 12-Mar-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: pmostechsupport@vishay.com
N-Channel 12 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Load Switch and Battery Switch for Portable Devices
DC/DC Converters
Low On-Resistance for Low Voltage Drop
Notes:
a. TF = 25 °C, package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () (Max.)
ID (A)
a
Qg (Typ.)
12
0.020 at VGS = 4.5 V
4
13.1 nC
0.024 at VGS = 2.5 V
4
0.030 at VGS = 1.8 V
4
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
Ordering Information:
Si1442DH-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Marking Code
AT
XX
Lot Traceability
and Date Code
Part # Code
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TF = 25 °C
ID
4a
A
TF = 70 °C
4a
TA = 25 °C
4a, b, c
TA = 70 °C
4a, b, c
Pulsed Drain Current (t = 300 µs)
IDM
20
Continuous Source-Drain Diode Current
TF = 25 °C
IS
2.3
TA = 25 °C
1.3b, c
Maximum Power Dissipation
TF = 25 °C
PD
2.8
W
TF = 70 °C
1.8
TA = 25 °C
1.56b, c
TA = 70 °C
1b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45


Similar Part No. - SI1442DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1442DH VISHAY-SI1442DH Datasheet
271Kb / 12P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 12-Mar-12
SI1442DH VISHAY-SI1442DH Datasheet
252Kb / 12P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI1442DH-T1-GE3 VISHAY-SI1442DH-T1-GE3 Datasheet
252Kb / 12P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI1442DH VISHAY-SI1442DH_V01 Datasheet
252Kb / 12P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1442DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com