Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1922ED Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SI1922ED
Description  Dual N-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1922ED Datasheet(HTML) 4 Page - Vishay Telefunken

  SI1922ED Datasheet HTML 1Page - Vishay Telefunken SI1922ED Datasheet HTML 2Page - Vishay Telefunken SI1922ED Datasheet HTML 3Page - Vishay Telefunken SI1922ED Datasheet HTML 4Page - Vishay Telefunken SI1922ED Datasheet HTML 5Page - Vishay Telefunken SI1922ED Datasheet HTML 6Page - Vishay Telefunken SI1922ED Datasheet HTML 7Page - Vishay Telefunken SI1922ED Datasheet HTML 8Page - Vishay Telefunken SI1922ED Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 67192
S11-2307-Rev. B, 21-Nov-11
Vishay Siliconix
Si1922EDH
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
ID =1A
VGS =4.5 V
VGS =2.5 V
T
J - Junction Temperature (°C)
0.0
0.1
0.2
0.3
0.4
123
45
TJ = 25 °C
TJ = 125 °C
ID =1A
V
GS - Gate-to-Source Voltage (V)
0
1
5
Time (s)
3
4
0
0
6
110
0.1
0.01
2
100
Source-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
1
0.1
10
TJ = 25 °C
TJ = 150 °C
V
SD - Source-to-Drain Voltage (V)
0.20
0.35
0.50
0.65
0.80
- 50
- 25
0
25
50
75
100
125
150
ID = 250 μA
T
J - Temperature (°C)
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1ms
0.01
1s,10s
DC
100
Limited by RDS(on)*
10 ms
100 ms
100 μs
BVDSS Limited
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI1922ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1922EDH VISHAY-SI1922EDH Datasheet
261Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI1922EDH VISHAY-SI1922EDH Datasheet
265Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1922EDH VISHAY-SI1922EDH_V01 Datasheet
265Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1922ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com