Electronic Components Datasheet Search |
|
SI3900DV Datasheet(PDF) 2 Page - Vishay Telefunken |
|
SI3900DV Datasheet(HTML) 2 Page - Vishay Telefunken |
2 / 9 page www.vishay.com 2 Document Number: 71178 S09-2275-Rev. D, 02-Nov-09 Vishay Siliconix Si3900DV Notes: a. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Min. Typ. Max. Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 µA 0.6 1.5 V Gate-Body Leakage IGSS VDS = 0 V, VGS = ± 12 V ±100 nA Zero Gate Voltage Drain Current IDSS VDS = 20 V, VGS = 0 V 1 µA VDS = 20 V, VGS = 0 V, TJ = 85 °C 10 On-State Drain Currenta ID(on) VDS ≥ 5 V, VGS = 4.5 V 5A Drain-Source On-State Resistancea RDS(on) VGS = 4.5 V, ID = 2.4 A 0.100 0.125 Ω VGS = 2.5 V, ID = 1.0 A 0.160 0.200 Forward Transconductancea gfs VDS = 5 V, ID = 2.4 A 5S Diode Forward Voltagea VSD IS = 1.05 A, VGS = 0 V 0.79 1.10 V Dynamicb Total Gate Charge Qg VDS = 10 V, VGS = 4.5 V, ID = 2.4 A 2.1 4.0 nC Gate-Source Charge Qgs 0.3 Gate-Drain Charge Qgd 0.4 Turn-On Delay Time td(on) VDD = 10 V, RL = 10 Ω ID ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω 10 17 ns Rise Time tr 30 50 Turn-Off Delay Time td(off) 14 25 Fall Time tf 612 Source-Drain Reverse Recovery Time trr IF = 3.0 A, dI/dt = 100 A/µs 30 50 Output Characteristics 0 2 4 6 8 10 0 1234 5 VGS = 4.5 V thru 3.5 V 1.5 V VDS - Drain-to-Source Voltage (V) 2.5 V 3 V 2 V Transfer Characteristics 0 2 4 6 8 10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 TC = - 55 °C 125 °C VGS - Gate-to-Source Voltage (V) 25 °C |
Similar Part No. - SI3900DV |
|
Similar Description - SI3900DV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |