Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8424CDB Datasheet(PDF) 9 Page - Vishay Telefunken

Part # SI8424CDB
Description  N-Channel 8 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI8424CDB Datasheet(HTML) 9 Page - Vishay Telefunken

Back Button SI8424CDB Datasheet HTML 3Page - Vishay Telefunken SI8424CDB Datasheet HTML 4Page - Vishay Telefunken SI8424CDB Datasheet HTML 5Page - Vishay Telefunken SI8424CDB Datasheet HTML 6Page - Vishay Telefunken SI8424CDB Datasheet HTML 7Page - Vishay Telefunken SI8424CDB Datasheet HTML 8Page - Vishay Telefunken SI8424CDB Datasheet HTML 9Page - Vishay Telefunken SI8424CDB Datasheet HTML 10Page - Vishay Telefunken SI8424CDB Datasheet HTML 11Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN824
Vishay Siliconix
www.vishay.com
2
Document Number: 71990
06-Jan-03
TABLE 1
Main Parameters of Solder Bumps in MICRO FOOT Designs
MICRO FOOT CSP
Bump Material
Bump Pitch*
Bump Diameter*
Bump Height*
MICRO FOOT CSP MOSFET
Eutectic Solder:
0.8
0.37-0.41
0.26-0.29
MICRO FOOT CSP Analog Switch
Eutectic Solder:
63Sm/37Pb
0.5
0.18-0.25
0.14-0.19
MICRO FOOT UCSP Analog Switch
63Sm/37Pb
0.5
0.32-0.34
0.21-0.24
* All measurements in millimeters
MICRO FOOT’S DESIGN AND RELIABILITY
As a mechanical, electrical, and thermal connection between
the device and PCB, the solder bumps of MICRO FOOT
products are mounted on the top active surface of the die.
Table 1 shows the main parameters for solder bumps used in
MICRO FOOT products. A silicon nitride passivation layer is
applied to the active area as the last masking process in
fabrication,ensuring that the device passes the pressure pot
test. A green laser is used to mark the backside of the die
without damaging it. Reliability results for MICRO FOOT
products mounted on a FR-4 board without underfill are shown
in Table 2.
TABLE 2
MICRO FOOT Reliability Results
Test Condition C: −65_ to 150_C
>500 Cycles
Test condition B: −40_ to 125_C
>1000 Cycles
121_C @ 15PSI 100% Humidity Test
96 Hours
The main failure mechanism associated with wafer-level
chip-scale packaging is fatigue of the solder joint. The results
shown in Table 2 demonstrate that a high level of reliability can
be achieved with proper board design and assembly
techniques.
BOARD LAYOUT GUIDELINES
Board materials. Vishay Siliconix MICRO FOOT products are
designed to be reliable on most board types, including organic
boards such as FR-4 or polyamide boards. The package
qualification information is based on the test on 0.5-oz. FR-4
and polyamide boards with NSMD pad design.
Land patterns. Two types of land patterns are used for
surface-mount packages. Solder mask defined (SMD) pads
have a solder mask opening smaller than the metal pad
(Figure 3), whereas on-solder mask defined (NSMD) pads
have a metal pad smaller than the solder-mask opening
(Figure 4).
NSMD is recommended for copper etch processes, since it
provides a higher level of control compared to SMD etch
processes. A small-size NSMD pad definition provides more
area (both lateral and vertical) for soldering and more room for
escape routing on the PCB. By contrast, SMD pad definition
introduces a stress concentration point near the solder mask
on the PCB side that may result in solder joint cracking under
extreme fatigue conditions.
Copper pads should be finished with an organic solderability
preservative
(OSP)
coating.
For
electroplated
nickel-immersion gold finish pads, the gold thickness must be
less than 0.5 mm to avoid solder joint embrittlement.
FIGURE 3. SMD
FIGURE 4. NSMD
Copper
Solder Mask
Copper
Solder Mask


Similar Part No. - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI8424CDB VISHAY-SI8424CDB_V01 Datasheet
250Kb / 11P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com