Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1288A Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R1288A
Description  For High Temperature Scintillation Counting Ruggedized, Low Profile, 25 mm (1 Inch) Diameter High Temp. Bialkali Photocathode, 10-stage, Head-on Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R1288A Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R1288A_15 Datasheet HTML 1Page - Hamamatsu Corporation R1288A_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1: Typical Spectral Response
Figure 2: Typical Gain Characteristics
TPMH1279E02
DEC. 2010 IP
Figure 3: Dimensional Outline and Basing Diagram (Unit: mm)
TACCA0009EB
Socket E678-12R
(Supplied)
40
47
17
2- 3.2
34
TPMHB0693EA
500
700
1000
1500
2000
at 25
°C
SUPPLY VOLTAGE (V)
107
106
105
104
103
102
108
TPMHA0363EB
17
A Temporary Base Removed
DY1
DY3
DY5
DY7
P
DY9
DY2
K
1
2
3
4
5
6
7
8
9
10
11
12
DY10
DY8
DY6
DY4
B Bottom View
25.4
± 0.5
22 MIN.
FACEPLATE
PHOTOCATHODE
SEMIFLEXIBLE
LEADS
0.7 MAX.
12 PIN BASE
JEDEC
No. B12-43
A
B
37.3
± 0.5
DY1
DY3
DY5
DY7
P
DY9
DY10
DY8
DY6
DY4
DY2
3
4
5
6
10
11
12
13
14
K
2
8
HAMAMATSU PHOTONICS K.K.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
www.hamamatsu.com
PHOTOMULTIPLIER TUBE R1288A
TPMHB0061EA
10-1
700
400
300
200
102
100
101
WAVELENGTH (nm)
at 25
°C
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
600
500


Similar Part No. - R1288A_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1288A HAMAMATSU-R1288A Datasheet
70Kb / 2P
   PHOTOCULTIPLIER TUBE
More results

Similar Description - R1288A_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R580 HAMAMATSU-R580_15 Datasheet
50Kb / 2P
   For Scintillation Counting and High Energy Physics 38 mm (1-1/2 lnch) Diameter, 10-stage, Bialkali Photocathode, Head-on Type
R11194 HAMAMATSU-R11194_15 Datasheet
47Kb / 2P
   For Scintillation Counting, Fast Time Response 38 mm (1.5 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R12844 HAMAMATSU-R12844_15 Datasheet
257Kb / 4P
   For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type
R331-05 HAMAMATSU-R331-05_15 Datasheet
58Kb / 2P
   For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R464 HAMAMATSU-R464_15 Datasheet
46Kb / 2P
   For Photon Counting 5 mm 횞 8 mm Bialkali Photocathode 51 mm (2 lnch) Diameter, Head-on Type
R11568 HAMAMATSU-R11568 Datasheet
140Kb / 2P
   28 mm (1-1/8 Inch) Diameter, 9-stage, Bialkali Photocathode, Side-on Type High Gain and Low Dark Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com