Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5431 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5431
Description  TPS543x 3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5431 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5431 Datasheet HTML 1Page - Texas Instruments TPS5431 Datasheet HTML 2Page - Texas Instruments TPS5431 Datasheet HTML 3Page - Texas Instruments TPS5431 Datasheet HTML 4Page - Texas Instruments TPS5431 Datasheet HTML 5Page - Texas Instruments TPS5431 Datasheet HTML 6Page - Texas Instruments TPS5431 Datasheet HTML 7Page - Texas Instruments TPS5431 Datasheet HTML 8Page - Texas Instruments TPS5431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
VIN
NC
NC
ENA
GND
VSENSE
BOOT
PH
TPS5430/31
VIN
VOUT
95
60
70
80
90
100
0
0.5
1
1.5
2.5
3
3.5
I
OutputCurrent
A
O
-
-
EfficiencyvsOutputCurrent
SimplifiedSchematic
V
I =12V
V =5V
f =500kHz
T =25 C
O
s
A
o
2
50
55
65
75
85
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS5430, TPS5431
SLVS632G – JANUARY 2006 – REVISED FEBRUARY 2015
TPS543x 3-A, Wide Input Range, Step-Down Converter
1 Features
3 Description
The TPS543x is a high-output-current PWM converter
1
Wide Input Voltage Range:
that integrates a low-resistance, high-side N-channel
TPS5430: 5.5 V to 36 V
MOSFET. Included on the substrate with the listed
TPS5431: 5.5 V to 23 V
features
are
a
high-performance
voltage
error
amplifier
that
provides
tight
voltage
regulation
Up to 3-A Continuous (4-A Peak) Output Current
accuracy under transient conditions; an undervoltage-
High Efficiency up to 95% Enabled by 110-m
lockout circuit to prevent start-up until the input
Integrated MOSFET Switch
voltage reaches 5.5 V; an internally set slow-start
Wide Output Voltage Range: Adjustable Down to
circuit to limit inrush currents; and a voltage feed-
1.22 V with 1.5% Initial Accuracy
forward circuit to improve the transient response.
Using the ENA pin, shutdown supply current is
Internal Compensation Minimizes External Parts
reduced to 18
μA typically. Other features include an
Count
active-high enable, overcurrent limiting, over-voltage
Fixed 500 kHz Switching Frequency for Small
protection and thermal shutdown. To reduce design
Filter Size
complexity
and
external
component
count,
the
Improved Line Regulation and Transient
TPS543x feedback loop is internally compensated.
The TPS5431 is intended to operate from power rails
Response by Input Voltage Feed Forward
up to 23 V. The TPS5430 regulates a wide variety of
System Protected by Overcurrent Limiting,
power sources including 24 V bus.
Overvoltage Protection and Thermal Shutdown
The TPS543x device is available in a thermally
–40°C to 125°C Operating Junction Temperature
enhanced, easy to use 8-pin SOIC PowerPAD™
Range
package. TI provides evaluation modules and the
Available in Small Thermally Enhanced 8-Pin SO
Designer software tool to aid in quickly achieving
PowerPAD™ Package
high-performance power supply designs to meet
aggressive equipment development cycles.
2 Applications
Device Information(1)
Consumer: Set-top Box, DVD, LCD Displays
PART NUMBER
PACKAGE
INPUT VOLTAGE
Industrial and Car Audio Power Supplies
TPS5430
5.5 V to 36 V
Battery Chargers, High Power LED Supply
HSOP (8)
TPS5431
5.5 V to 23 V
12-V/24-V Distributed Power Systems
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS5431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431 TI-TPS5431 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5431 TI-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS5431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com