Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5432 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS5432
Description  2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5432 Datasheet(HTML) 5 Page - Texas Instruments

  TPS5432_15 Datasheet HTML 1Page - Texas Instruments TPS5432_15 Datasheet HTML 2Page - Texas Instruments TPS5432_15 Datasheet HTML 3Page - Texas Instruments TPS5432_15 Datasheet HTML 4Page - Texas Instruments TPS5432_15 Datasheet HTML 5Page - Texas Instruments TPS5432_15 Datasheet HTML 6Page - Texas Instruments TPS5432_15 Datasheet HTML 7Page - Texas Instruments TPS5432_15 Datasheet HTML 8Page - Texas Instruments TPS5432_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
0.780
0.800
0.820
0.840
V = 3.3 V
I
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
3
4
5
6
7
8
V = 3.3 V
I
V = 5 V
I
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
40
50
60
70
80
90
100
110
120
130
HSF, V = 3.3 V
I
HSF, V = 5 V
I
LSF, V = 3.3 V
I
LSF, V = 5 V
I
650
670
690
710
730
750
V =5 V
I
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
TPS5432
www.ti.com
SLVSB89A – MARCH 2012 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS CURVES
HIGH SIDE & LOW SIDE Rdson
FREQUENCY
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
HIGH SIDE CURRENT LIMIT THRESHOLD
VOLTAGE REFERENCE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS5432


Similar Part No. - TPS5432_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54320RHL TI-TPS54320RHL Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS5432_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Monolithic Power System...
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
   6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com