Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R759 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R759
Description  For UV Range, 13 mm (1/2 Inch) Diameter Head-on, 10-Stage, Cs-Te Photocathode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R759 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R759_15 Datasheet HTML 1Page - Hamamatsu Corporation R759_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For UV Range, 13 mm (1/2 Inch) Diameter,
Head-on, 10-Stage, Cs-Te Photocathode
CHARACTERISTICS (at 25
°C)
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2010 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
PHOTOMULTIPLIER TUBE
R759
Parameter
Min.
Unit
Cathode Sensitivity at 254 nm
Anode Radiant Sensitivity at 254 nm
Gain
Anode Dark Current (after 30 min. storage in darkness)
Time Response
Anode Pulse Rise Time
Electron Transit Time
4.0
× 103
28
1.4
× 104
5.0
× 105
0.3
2.5
24
mA/W
A/W
nA
ns
ns
1
Typ.
Max.
Parameter
Unit
Spectral Response*
Wavelength of Maximum Response
Wavelength of Maximum Quantum Efficiency
Photocathode
Window Material
Dynode
Direct Interelectrode
Capacitance
Operating Ambient Temperature
Storage Temperature
Base
Suitable Socket
MateriaI
Minimum Effective Area
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other Electrodes
160 to 320
240
200
Cs-Te
10
Synthetic silica glass
Linear focused
10
1.0
2.0
-30 to +50
-80 to +50
13-pin glass base
E678-13F (supplied)
nm
nm
nm
mm
pF
pF
°C
°C
Description / Value
Parameter
Unit
Supply Voltage
Average Anode Current
Between Anode and Cathode
Between Anode and Last Dynode
1250
250
0.01
V
V
mA
Value
Supply Voltage: 1000 Vdc, K: Cathode, Dy: Dynode, P: Anode
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
11
Dy8
Dy9
Dy10
P
11
1
* Operate in a nitrogen-purged environment for VUV detection.


Similar Part No. - R759_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R759 HAMAMATSU-R759 Datasheet
21Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R759_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
   13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
   Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
   13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R580 HAMAMATSU-R580_15 Datasheet
50Kb / 2P
   For Scintillation Counting and High Energy Physics 38 mm (1-1/2 lnch) Diameter, 10-stage, Bialkali Photocathode, Head-on Type
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
   19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com