Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40055-EP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40055-EP
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40055-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40055-EP_15 Datasheet HTML 3Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 4Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 5Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 6Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 7Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 8Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 9Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 10Page - Texas Instruments TPS40055-EP_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
0.7 VREF
0.85 V
TPS40055-EP
www.ti.com
SGLS310D – JULY 2005 – REVISED FEBRUARY 2012
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Synchronization input for the device. This pin can be used to synchronize the oscillator to an external master
SYNC
4
I
frequency. If synchronization is not used, connect this pin to SGND.
Inverting input to the error amplifier. In normal operation, the voltage on this pin is equal to the internal
VFB
7
I
reference voltage, 0.7 V.
VIN
15
I
Supply voltage for the device
SIMPLIFIED BLOCK DIAGRAM
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40055-EP


Similar Part No. - TPS40055-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
More results

Similar Description - TPS40055-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com