Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40190 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS40190
Description  LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40190 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40190_15 Datasheet HTML 7Page - Texas Instruments TPS40190_15 Datasheet HTML 8Page - Texas Instruments TPS40190_15 Datasheet HTML 9Page - Texas Instruments TPS40190_15 Datasheet HTML 10Page - Texas Instruments TPS40190_15 Datasheet HTML 11Page - Texas Instruments TPS40190_15 Datasheet HTML 12Page - Texas Instruments TPS40190_15 Datasheet HTML 13Page - Texas Instruments TPS40190_15 Datasheet HTML 14Page - Texas Instruments TPS40190_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
t − TIme − 1 ms/div
VOUT
1 V/div
VLDRV
(5 V/div)
VIN
(10 V/ div)
VCOMP
(500 mV/ div)
VOUT
(500 mV/ div)
T − Time − 2 ms / div
TPS40190
www.ti.com
SLUS658C – JULY 2005 – REVISED JULY 2012
Pre-Bias Outputs
Some applications require that the converter not sink current during startup if a pre-existing voltage is higher than
the output. Since synchronous buck converters inherently sink current some method of overcoming this
characteristic must be employed. Applications that require this operation are typically power rails for a multi
supply processor or ASIC. The method used in this controller, is to not allow the low side or rectifier FET to turn
on until there the output voltage commanded by the start up ramp is higher than the pre-existing output voltage.
This is detected by monitoring the internal pulse width modulator (PWM) for its first output pulse. Since this
controller uses a closed loop startup, the first output pulse from the PWM does not occur until the output voltage
is commanded to be higher than the pre-existing voltage. This effectively limits the controller to sourcing current
only during the startup sequence.
If the pre-existing voltage is higher than the intended regulation point for the output of the converter, the
converter starts and sinks current when the soft-start time has completed. A typical pre-biased startup is shown
in Figure 8.
Figure 7. TPS40190 Startup Timing
Figure 8. Prebiased Startup Timing
Typical Applications
Some typical applications.
Copyright © 2005–2012, Texas Instruments Incorporated
11


Similar Part No. - TPS40190_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40190DRCR TI-TPS40190DRCR Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190DRCRG4 TI-TPS40190DRCRG4 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190DRCT TI-TPS40190DRCT Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190DRCTG4 TI-TPS40190DRCTG4 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40190_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A_08 Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
logo
Texas Instruments
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Champion Microelectroni...
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com