Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9999-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9999-01
Description  AMPLIFIER UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9999-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9999-01_15 Datasheet HTML 1Page - Hamamatsu Corporation C9999-01_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Figure 1: Typical Frequency Response
AMPLIFIER UNIT
C9999-01
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2014 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
FEATURES
The output signal from a photomultiplier tube can be
directly input to the C9999-01 and it provides a voltage
output signal with 50
Ω load at a conversion factor of
10 mV/
µA.
The C9999-01 has a selecting switch to get the amplified
non-inverting / inverting output.
Parameter
Description / Value
Frequency Bandwidth (-3 dB)
Voltage Gain A
Current-to-voltage
Conversion Factor
Rise Time
Input Polarity
Amplifying Method
Input Impedance
Recommended Load Resistance
Maximum Output
Signal Voltage
Output Offset Voltage A
Output Noise Voltage A
Connector
Power Supply Voltage
Max. Power Supply Voltage
Power Supply Current
Operating Temperature
Storage Temperature
Weight
Typ.
Typ.
Max.
Max.
DC to 10 MHz
46 dB
± 2 dB
(Approx. 200 times)
20 mV/
µA
10 mV/
µA
35 ns
Positive / Negative
Non-inverting /
Inverting Output B
50
50
±3.0 V Min.
±1.3 V Min.
±1 mV
2 mV rms
BNC-R
BNC-R
DIN (6-pin)
±5 V
±6.5 V
±140 mA
0
°C to +40 °C
-10
°C to +60 °C
Approx. 165 g
Load Resistance: 1 M
Load Resistance: 50
Load Resistance: 1 M
Load Resistance: 50
Input
Output
Power
NOTE: ALoad Resistance: 50
BSwitchable
GWide Bandwidth: DC to 10 MHz
GCurrent-to-voltage Conversion Factor:
10 mV/
µA at 50 Ω load resistance
GNon-inverting / Inverting Output Switchable
GRise Time: 35 ns (Typ.)
GCompact, Light Weight
TACCB0111EA
FREQUENCY (MHz)
10-1
102
100
-20
5
-5
0
-10
-15
10
101
at 50
Ω load resistance


Similar Part No. - C9999-01_15

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
C9900-B415 BECKHOFF-C9900-B415 Datasheet
216Kb / 4P
   The fanless multi-touch built-in Panel PC
C9900-B415 BECKHOFF-C9900-B415 Datasheet
224Kb / 5P
   The fanless multi-touch built-in Panel PC
C9900-B415 BECKHOFF-C9900-B415 Datasheet
223Kb / 5P
   The fanless multi-touch built-in Panel PC
C9900-B416 BECKHOFF-C9900-B416 Datasheet
154Kb / 5P
   Multi-touch Panel PC
C9900-B416 BECKHOFF-C9900-B416 Datasheet
153Kb / 5P
   Multi-touch Panel PC
More results

Similar Description - C9999-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7319 HAMAMATSU-C7319_15 Datasheet
148Kb / 2P
   AMPLIFIER UNIT
C12419 HAMAMATSU-C12419 Datasheet
172Kb / 2P
   AMPLIFIER UNIT
C6438-02 HAMAMATSU-C6438-02 Datasheet
177Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
C11184 HAMAMATSU-C11184 Datasheet
156Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
C6438 HAMAMATSU-C6438_15 Datasheet
210Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
C9663 HAMAMATSU-C9663_15 Datasheet
296Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
logo
Usha India Ltd.
2SD5041 USHA-2SD5041 Datasheet
85Kb / 3P
   AF OUTPUT AMPLIFIER FOR ELECTRONIC FLASH UNIT
logo
Fairchild Semiconductor
KSD5041 FAIRCHILD-KSD5041 Datasheet
68Kb / 5P
   AF Output Amplifier for Electronic Flash Unit
FJNS7565 FAIRCHILD-FJNS7565 Datasheet
90Kb / 4P
   For Output Amplifier of Electronic Flash Unit
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com