Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS40200
Description  TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40200 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40200_15 Datasheet HTML 1Page - Texas Instruments TPS40200_15 Datasheet HTML 2Page - Texas Instruments TPS40200_15 Datasheet HTML 3Page - Texas Instruments TPS40200_15 Datasheet HTML 4Page - Texas Instruments TPS40200_15 Datasheet HTML 5Page - Texas Instruments TPS40200_15 Datasheet HTML 6Page - Texas Instruments TPS40200_15 Datasheet HTML 7Page - Texas Instruments TPS40200_15 Datasheet HTML 8Page - Texas Instruments TPS40200_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
TPS40200
www.ti.com
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
6.5 Electrical Characteristics
–40°C < TA = TJ < 85°C, VDD = 12 V, fOSC = 100 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
COMP = FB, TA = 25°C
689
696
702
TA = 25°C
686
696
703
VFB
Feedback voltage
mV
4.5 < VDD < 52
–40°C < TA < 85°C
679
696
708
–40°C < TA < 125°C
679
696
710
GATE DRIVER
Isrc
Gate driver pull-up current
125
300
mA
Isnk
Gate driver pull-down current
200
300
mA
VGATE
Gate driver output voltage
VGATE = (VDD – VGDRV), for 12 < VDD < 52
6
8
10
V
QUIESCENT CURRENT
Iqq
Device quiescent current
f OSC = 300 kHz, Driver not switching, 4.5 < VDD < 52
1.5
3.0
mA
UNDERVOLTAGE LOCKOUT (UVLO)
VUVLO(on)
Turn-on threshold
–40°C < TA < 125°C
3.8
4.25
4.5
V
VUVLO(off)
Turn-off threshold
4.05
VUVLO(HYST) Hysteresis
110
200
275
mV
SOFT-START
Internal soft-start pull-up
65
105
170
RSS(chg)
resistance
k
Internal soft-start pull-down
190
305
485
RSS(dchg)
resistance
VSSRST
Soft-start reset threshold
100
150
200
mV
OVERCURRENT PROTECTION
0°C < TA < 125°C
65
100
140
VILIM
Overcurrent threshold
4.5 < VDD < 52
mV
–40°C < TA < 125°C
55
100
140
OCDF
Overcurrent duty cycle(1)
2%
VILIM(rst)
Overcurrent reset threshold
100
150
200
mV
OSCILLATOR
Oscillator frequency range(1)
35
500
fOSC
RRC = 200 kΩ, CRC = 470 pF
85
100
115
kHz
Oscillator frequency
RRC = 68.1 kΩ, CRC = 470 pF
255
300
345
12 V < VDD < 52 V
-9%
0%
Frequency line regulation
4.5 V < VDD < 12 V
–20%
0%
VRMP
Ramp amplitude
4.5 V < VDD < 52 V
VDD÷10
V
(1)
Ensured by design. Not production tested.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS40200


Similar Part No. - TPS40200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
More results

Similar Description - TPS40200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com