Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200-HT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS40200-HT
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40200-HT Datasheet(HTML) 5 Page - Texas Instruments

  TPS40200-HT_15 Datasheet HTML 1Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 2Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 3Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 4Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 5Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 6Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 7Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 8Page - Texas Instruments TPS40200-HT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TPS40200-HT
www.ti.com
SGLS400C – OCTOBER 2009 – REVISED DECEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
–55°C < TA = TJ < 210°C, VDD = 12 V, fOSC = 100 kHz (unless otherwise noted)
TA = –55°C TO 125°C
TA = 175°C
(1)
TA = 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Soft Start
Internal
soft-start
RSS(chg)
65
75
170
63
80
170
60
80
170
k
pullup
resistance
Internal
soft-start
RSS(dchg)
190
217
485
175
258
485
165
212
485
k
pulldown
resistance
Soft-start
VSSRST
reset
100
152
200
100
152
1000
100
150
1700
mV
threshold
Overcurrent Protection
Over-
VILIM
current
35
100
150
35
108
150
35
108
150
mV
threshold
Over-
OCDF
current duty
2
2
%
cycle(2)
Over-
current
VILIM(rst)
90
105
200
90
110
200
90
110
200
mV
reset
threshold
Oscillator
Oscillator
frequency
35
500
35
500
35
500
range(2)
fOSC
RRC = 200 kΩ,
kHz
85
90
115
85
92
115
84
94
115
CRC = 470 pF
Oscillator
frequency
RRC = 68.1 kΩ,
255
280
345
255
274
345
255
270
345
CRC = 470 pF
Frequency
12 V < VDD < 52 V
–9
0
–9
0
–9
0
line
%
4.5 V < VDD < 12 V
–20
0
–20
0
–20
0
regulation
Ramp
VRMP
4.5 V < VDD < 52 V
VDD÷10
VDD÷10
VDD÷10
V
amplitude
Pulse-Width Modulator
Minimum
VDD = 12 V
360
500
445
900
525
980
tMIN
controllable
ns
VDD = 30 V
170
250
176
450
240
480
pulse width
fOSC = 100 kHz,
93
98
93
98
93
100
CL = 470 pF
Maximum
DMAX
%
duty cycle
fOSC = 300 kHz,
87
96
87
96
87
96
CL = 470 pF
Modulator
and
KPWM
8
10
12
8
10
12
8
10
12
V/V
power-stage
dc gain
Error Amplifier
Input bias
IIB
100
250
130
440
680
1500
nA
current
Open-loop
AOL
60
80
60
80
60
80
dB
gain(2)
Unity gain
GBWP
1.5
3
2.5
2.5
MHz
bandwidth(2)
Output
VFB = 0.6 V,
ICOMP(src)
source
100
250
100
250
100
250
μA
COMP = 1 V
current
Output sink
VFB = 1.2 V,
ICOMP(snk)
1.0
2.5
1
2.5
1
2.5
mA
current
COMP = 1 V
(2)
By design only. Not tested in production.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS40200-HT


Similar Part No. - TPS40200-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Similar Description - TPS40200-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com