Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS40200-Q1
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40200-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40200-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Amplitde>
10
V
IN
¸
Frequency>Controller
Frequency
Dutycycle<50%
C
RC
R
RC
1
8
5
+
+
S
Q
Q
R
CLK
150mV
RC
GND
+
VDD
V
IN
RC
RC
TPS40200
C
RC
R
RC
1
8
5
+
+
S
Q
Q
R
CLK
150mV
Ext.Frequency
Synchronization
(optional)
RC
GND
+
VDD
VIN
RC
RC
TPS40200
TPS40200-Q1
SLUS739E – SEPTEMBER 2006 – REVISED JULY 2013
www.ti.com
Figure 27. Oscillator Functional Diagram
Figure 28. Diode Connected Synchronization
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated


Similar Part No. - TPS40200-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
More results

Similar Description - TPS40200-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com