Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS40210-Q1
Description  TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40210-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 14Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
+
+
Soft Start
and
Overcurrent
5
FB
4
COMP
3
DIS/EN
700 mV
LDO
PWM
Logic
2
SS
1
RC
Oscillator
and
Slope
Compensation
UVLO
Driver
9
BP
10 VDD
8
GDRV
6
GND
7
ISNS
+
Gain = 6
+
150 mV
LEB
OC Fault
OC Fault
UDG-07107
Enable E/A
E/A
SS Ref
TPS40210-Q1, TPS40211-Q1
www.ti.com
SLVS861E – AUGUST 2008 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The TPS40210-Q1 and TPS40211-Q1 devices are wide-input voltage non-sync boost controllers. These devices
can be used in various topologies such as boost, flyback, SEPIC, and various LED driver applications because of
its grounded source N-channel FET. The device also features programmable soft start, overcurrent protection,
and programmable oscillator frequency. Current mode control provides improved transient response and
simplified loop compensation. The TPS40210-Q1 and TPS40211-Q1 devices differ in the reference voltage to
which the error amplifier regulates the FB pin.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Minimum On-Time and Off-Time Considerations
The TPS40210-Q1 device has a minimum off time of approximately 200 ns and a minimum on time of 300 ns.
These two constraints place limitations on the operating frequency that can be used for a given input-to-output
conversion ratio. See Figure 2 for the maximum frequency that can be used for a given duty cycle.
The duty cycle at which the converter operates is dependent on the mode in which the converter is running. If the
converter is running in discontinuous-conduction mode, the duty cycle varies with changes to the load much
more than it does when running in continuous-conduction mode.
In continuous-conduction mode, the duty cycle is related primarily to the input and output voltages.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS40210-Q1 TPS40211-Q1


Similar Part No. - TPS40210-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Similar Description - TPS40210-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com