Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40222 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS40222
Description  1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 쨈 3 mm SON PACKAGE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40222 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40222_15 Datasheet HTML 6Page - Texas Instruments TPS40222_15 Datasheet HTML 7Page - Texas Instruments TPS40222_15 Datasheet HTML 8Page - Texas Instruments TPS40222_15 Datasheet HTML 9Page - Texas Instruments TPS40222_15 Datasheet HTML 10Page - Texas Instruments TPS40222_15 Datasheet HTML 11Page - Texas Instruments TPS40222_15 Datasheet HTML 12Page - Texas Instruments TPS40222_15 Datasheet HTML 13Page - Texas Instruments TPS40222_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
Typical Application
R2
C1
C2
C3
L1
R1
D1
2
3
5
4
AVIN
PVIN
FB
GND
SW
6
BOOST
VOUT
VIN
UDG−04131
TPS40222
1
Voltage Setting
V
OUT + VFB
1 )
R1
R2
(3)
Output Filter (L1 and C3)
TPS40222
SLUS642A – OCTOBER 2005 – REVISED JANUARY 2006
Figure 9. Typical Application
The output voltage may be set by knowing that the feedback voltage is 0.8 V and using Equation 3. To determine
an output voltage, choose a convenient resistor value for R2 and calculate R1.
Since the loop compensation is internally fixed and cannot be changed, loop stability can only be controlled by
the proper choice of output inductance and capacitance. Table 2 provides a shortcut guide to this selection and
recommended capacitance to maintain a safe 50 degrees of phase margin for various inductors and output
voltages. The table also shows the minimum capacitance for 50 degress of phase margin at three temperatures,
with the worst case for stability at -40
°C. The granularity of the table is sufficient so the user can interpolate
between values to find a specific operating condition. The table values assume a full load, which is also the worst
case for phase compensation. As an example of using the table, consider a 2.5-V output converter with a 2.2-
µH
inductor. The table shows that a minimum of 15-
µF of output capacitance is required to guarantee greater than
50 degress of phase margin at the worst case temperature of -40
°C. With a lead capacitor (C
LEAD) added to the
feedback as shown in Figure 10, this minimum capacitance increases to 26-
µF and the closed-loop frequency
increases by about 20%.
10


Similar Part No. - TPS40222_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40222DRPR TI-TPS40222DRPR Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TPS40222DRPRG4 TI-TPS40222DRPRG4 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TPS40222DRPT TI-TPS40222DRPT Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TPS40222DRPTG4 TI-TPS40222DRPTG4 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
More results

Similar Description - TPS40222_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40222 TI-TPS40222 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com