Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40400 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40400
Description  TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40400 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40400_15 Datasheet HTML 3Page - Texas Instruments TPS40400_15 Datasheet HTML 4Page - Texas Instruments TPS40400_15 Datasheet HTML 5Page - Texas Instruments TPS40400_15 Datasheet HTML 6Page - Texas Instruments TPS40400_15 Datasheet HTML 7Page - Texas Instruments TPS40400_15 Datasheet HTML 8Page - Texas Instruments TPS40400_15 Datasheet HTML 9Page - Texas Instruments TPS40400_15 Datasheet HTML 10Page - Texas Instruments TPS40400_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
TPS40400
www.ti.com
SLUS930C – APRIL 2011 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
Unless otherwise stated, these specifications apply for –40°C
≤ TJ ≤ 125°C, VDD= 12 Vdc, FREQUENCY_SWITCH = 600 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
VDD UVLO turn on threshold(5)
Factory default settings (minimum)
2.475
2.75
3.025
VUVLO(on)
V
2.25 V
≤ VVDD ≤ 20 V,
Accuracy(5)
–10%
10%
2.75 V
≤ VIN_ON ≤ 18 V
VDD UVLO turnoff threshold(5)
Factory default settings (minimum)
2.25
2.5
2.75
VUVLO(off)
V
2.25 V < VVDD < 20 V,
Accuracy(5)
–10%
10%
2.75 V < VIN_OFF < 17.6 V
REMOTE VOLTAGE SENSE AMPLIFIER
VIOFST
Input offset voltage
–10
10
mV
RGAIN
Gain-setting resistor(1)
48
60
72
k
VVDD > 6.5 V
0
6
VDIFFO
Output voltage at DIFFO pin
VVDD = 5 V
0
4.5
V
VVDD = 3 V
0
2.5
KDIFF
Differential gain of amplifier
0.995
1
1.005
V/V
VAGBWP
Closed-loop bandwidth(1)
2
MHz
IVAOP
Output source current
VSNS+ = VDIFFO = 5 V, VSNS– = 0 V
1
mA
IVAOM
Output sink current
VSNS+ = 0 V, VSNS– = 4.5 V, VDIFFO = 5 V
1
mA
POWERGOOD
FB pin voltage upper limit for power good on
648
Factory default settings
mV
VPGON
FB pin voltage lower limit for power good on
552
Accuracy
540 mV < VPGON < 660 mV
–5%
5%
FB pin voltage upper limit for power good off
660
mV
Factory default settings
VPGOFF
FB pin voltage lower limit for power good off
540
Accuracy
528 mV < VPGOFF < 672 mV
–5%
5%
RPGD
Pulldown resistance of PGD pin
VFB = 0, IPGOOD = 5 mA
50
Factory default settings ,
IPGDLK
Leakage current
3
15
μA
550 mV < VFB < 650 mV, VPGOOD = 5 V
tPGD
Delay filter from FB(1)
5
μs
OUTPUT VOLTAGE MARGINING
VFB slope during margin voltage transition (6)
Factory default settings
250
214
188
V/s
MRGSLP
Accuracy
3 V < VVDD < 20 V, 600 μs < tSS < 9 ms
–15%
15%
VFBMH
FB pin voltage after margin high command
Factory default settings
650
660
670
mV
VFBML
FB pin voltage after margin low command
Factory default settings
532
540
548
mV
VFBM(max)
Maximum FB pin voltage with margin
742
750
758
mV
VFBM(min)
Minimum FB pin voltage with margin
445
450
455
mV
VFB(inc)
Resolution of FB steps with margin
2.34
mV
OVERVOLTAGE AND UNDERVOLTAGE DETECTION
FB pin overvoltage threshold (OV flag)
Factory default settings
638
672
705
VOV
mV
Accuracy
3 V < VVDD < 20 V, 648 mV < VOV < 690 mV
–5%
5%
FB pin undervoltage threshold (UV flag)
Factory default settings
502
528
554
VUV
mV
3 V < VVDD < 20 V,
Accuracy
–5%
5%
510 mV < VOV < 552 mV
PMBus INTERFACE
VIH
High-level input voltage, CLK, DATA, CNTL
2.1
V
VIL
Low-level input voltage, CLK, DATA, CNTL
0.8
V
High-level input current, CLK, DATA, CNTL
–10
10
IIH
μA
CNTL
–12
10
Low-level input current, CLK, DATA, CNTL
–10
10
IIL
μA
CNTL
–12
10
(5)
Although specifications appear to overlap, hysteresis is assured for UVLO turnon and turnoff thresholds.
(6)
Specified by design. Not production tested.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS40400


Similar Part No. - TPS40400_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40400_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com