Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40425 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS40425
Description  TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40425 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40425_15 Datasheet HTML 6Page - Texas Instruments TPS40425_15 Datasheet HTML 7Page - Texas Instruments TPS40425_15 Datasheet HTML 8Page - Texas Instruments TPS40425_15 Datasheet HTML 9Page - Texas Instruments TPS40425_15 Datasheet HTML 10Page - Texas Instruments TPS40425_15 Datasheet HTML 11Page - Texas Instruments TPS40425_15 Datasheet HTML 12Page - Texas Instruments TPS40425_15 Datasheet HTML 13Page - Texas Instruments TPS40425_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
TPS40425
SLUSBO6A – JANUARY 2014 – REVISED JULY 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40ºC to 125ºC, VIN = VVDD = 12 V, RT set for 500 kHz, all parameters at zero power dissipation (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INITIALIZATION TIME
Initialization time after BP3 voltage is
tINI
1
ms
ready(14)
TEMPERATURE SENSE AND THERMAL SHUTDOWN
TSD
Junction shutdown temperature(14)
160
°C
THYST
Thermal shutdown hysteresis(14)
20
Ratio of bias current flowing out of TSNS
ITSNS(ratio)
Non-smart power mode
9.7
10
10.3
µA/µA
pin, state 2 to state 1
ITSNS(1)
State 1 current out of TSNS pin
Non-smart power mode
10
µA
ITSNS(2)
State 2 current out of TSNS pin
Non-smart power mode
100
µA
–40°C
≤ TSNS ≤ 125°C, Non-smart power
–4.5
4.5
mode
TSNS(acc)
External temperature sense accuracy(15)
°C
–40°C
≤ TSNS ≤ 125°C, Smart power mode
–3
3
Overtemperature fault limit(14)
Factory default settings
125
TOT(flt)
°C
OT fault limit range(14)
120
165
Overtemperature warning limit(14)
Factory default settings
100
TOT(warn)
°C
OT warning limit range(14)
100
140
TOT(step)
OT fault/warning step
1
°C
TOT(hys)
OT fault/warning hysteresis(14)
20
°C
(14) Specified by design. Not production tested.
(15) Performance is verified under application conditions.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS40425


Similar Part No. - TPS40425_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAR TI1-TPS40422RHAR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results

Similar Description - TPS40425_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40428 TI-TPS40428_15 Datasheet
2Mb / 92P
[Old version datasheet]   TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
logo
Renesas Technology Corp
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
logo
Texas Instruments
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com