Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40428 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS40428
Description  TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40428 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40428_15 Datasheet HTML 2Page - Texas Instruments TPS40428_15 Datasheet HTML 3Page - Texas Instruments TPS40428_15 Datasheet HTML 4Page - Texas Instruments TPS40428_15 Datasheet HTML 5Page - Texas Instruments TPS40428_15 Datasheet HTML 6Page - Texas Instruments TPS40428_15 Datasheet HTML 7Page - Texas Instruments TPS40428_15 Datasheet HTML 8Page - Texas Instruments TPS40428_15 Datasheet HTML 9Page - Texas Instruments TPS40428_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
TPS40428
SLUSBV0A – MAY 2014 – REVISED JULY 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40ºC to 125ºC, VIN = VVDD = 12 V, RRT valued to produce a switching frequency (fSW) of 500 kHz, all parameters at zero
power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BP5 REGULATOR
Output voltage
IBP5 = 10 mA
4.5
5
5.5
V
VBP5
VVIN – VBP5, VVDD = 4.5 V,
Dropout voltage
400
mV
IBP5 = 25 mA
IBP5
Output current
VVDD = 12 V
40
mA
VBP5UV
Regulator UVLO voltage(3)
3.3
3.55
3.8
V
VBP5UV(hyst)
Regulator UVLO voltage hysteresis(3)
300
mV
BP3 REGULATOR
VBP3
Output voltage
VVDD = 4.5 V, IBP3 ≤ 5 mA
3.1
3.3
3.5
V
OSCILLATOR AND RAMP GENERATOR
Adjustment range(3)
200
1500
kHz
Switching frequency(4)
RRT = 100 kΩ
180
200
220
ƒSW
Switching frequency(4)
RRT = 40 kΩ
450
500
550
kHz
Switching frequency(4)
RRT = 13 kΩ
1230
1370
1500
VRAMP
Ramp amplitude (peak-to-peak)
VVDD/10
V
VVAL
Valley voltage
1.22
V
SYNCHRONIZATION
VSYNCH
SYNC high-level threshold(5)
2
V
VSYNCL
SYNC low-level threshold(5)
0.8
V
tSYNC
Minimum SYNC pulse width(3)
100
ns
Maximum PWM frequency for SYNC(3)
1500
kHz
Minimum PWM frequency for SYNC(3)
200
ƒSYNC
SYNC frequency range (increase from
–20%
20%
nominal oscillator frequency)(3)
PWM
VOH(pwm)
PWM high-level output voltage
ILOAD = 500 µA
4.5
V
VOL(pwm)
PWM low-level output voltage
ILOAD = 500 µA
0.5
V
tOFF(min)
Minimum off-time
100
ns
tON(min)
Minimum pulse
90
ns
SOFT-START
Soft-start time(6)
Factory default settings
2.7
ms
tSS
Programmable range(3)
0.6
9
ms
Accuracy over range(3)
–15%
15%
tON(dly)
Turn-on delay time(3)
Factory default settings
0
ms
tOFF(dly)
Turn-off delay time(3)
Factory default settings
0
ms
REMOTE SENSE AMPLIFIER
BW
Closed-loop bandwidth(3)
2
MHz
VDIFFO(max)
Maximum DIFFO output voltage
4.7
V
(VSNS1– GSNS1) = 1.0 V
–6
6
mV
Error voltage from DIFFO1 to (VSNS1
VDIFFO(err)
GSNS1)
(VSNS1– GSNS1) = 3.6 V
–19
19
Sourcing
1
IDIFFO
mA
Sinking
1
(3)
Specified by design. Not production tested.
(4)
Apply to 1-,2- or 4-phase operation. For 3-phase operation, the switching frequency is 33% higher than the value in the table.
(5)
The external SYNC pin signal must be a square waveform with 50% duty cycle.
(6)
The soft-start time is the time that the internal reference voltage rises from 0 V to 600 mV.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS40428


Similar Part No. - TPS40428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAR TI1-TPS40422RHAR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results

Similar Description - TPS40428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
[Old version datasheet]   TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
logo
Renesas Technology Corp
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
logo
Texas Instruments
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com