Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40428 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS40428
Description  TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40428 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40428_15 Datasheet HTML 1Page - Texas Instruments TPS40428_15 Datasheet HTML 2Page - Texas Instruments TPS40428_15 Datasheet HTML 3Page - Texas Instruments TPS40428_15 Datasheet HTML 4Page - Texas Instruments TPS40428_15 Datasheet HTML 5Page - Texas Instruments TPS40428_15 Datasheet HTML 6Page - Texas Instruments TPS40428_15 Datasheet HTML 7Page - Texas Instruments TPS40428_15 Datasheet HTML 8Page - Texas Instruments TPS40428_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
SYNC
PHSET
CNTL1
CNTL2
SMBALERT
PMBDATA
PMBCLK
AGND
AVSDATA
AVSCLK
TPS40428
ISH1
PG1
PWM1
PGND
BP3
BP5
VDD
PWM2
PG2
ISH2
Thermal Pad
TPS40428
www.ti.com
SLUSBV0A – MAY 2014 – REVISED JULY 2014
5 Pin Configuration and Functions
RHA PACKAGE
40 PINS
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADDR1
11
I
High order address pin for PMBus device. Connect a resistor to AGND (see Table 3).
ADDR0
12
I
Low order address pin for PMBus device. Connect a resistor to AGND (see Table 3).
AGND
8
Analog ground pin, used for analog signal. Connect to thermal pad directly.
AVSCLK
10
I
AVS clock
AVSDATA
9
I
AVS data
3.3-V bias power for logic. A low-ESR ceramic capacitor with a value of 0.33 µF or greater should be
BP3
26
O
connected closely from this pin or to AGND. The maximum suggested capacitor value is 10 µF.
Output bypass for the internal regulator. A low-ESR ceramic capacitor of 1 µF or greater should be
BP5
25
O
connected closely from this pin to PGND pin. The maximum suggested capacitor value is 10 µF.
Logic level input which starts or stops channel 1. An internal 6-µA current source pulls VCNTL1 up to VBP5
CNTL1
3
I
when the pin is floating.
Logic level input which starts or stops channel 2. An internal 6-µA current source pulls VCNTL2 up to VBP5
CNTL2
4
I
when the pin is floating.
COMP1
36
O
Output of the error amplifier 1 and connection node for loop feedback components
COMP2
15
O
Output of the error amplifier 2 and connection node for loop feedback components
Negative pin of current sense amplifier for channel 1. An internal, 4-k
Ω resistor pulls CS1N to 1.24 V during
CS1N
33
I
smart power mode operation to provide a bias voltage required by smart power stage.
CS1P
32
I
Positive pin of current sense amplifier for channel 1
Negative pin of current sense amplifier for channel 2. An internal, 4-k
Ω resistor pulls CS2N to 1.24 V during
CS2N
18
I
smart power mode operation to provide a bias voltage required by smart power stage.
CS2P
19
I
Positive pin of current sense amplifier for channel 2
DIFFO1
39
O
Remote Sense Amplifier Output for channel 1
Inverting input to the error amplifier 1. In normal operation, the voltage on this pin is equal to the internal
FB1
35
I
reference voltage. Connect the FB1 pin to the BP5 pin to set the channel as slave channel.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS40428


Similar Part No. - TPS40428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAR TI1-TPS40422RHAR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results

Similar Description - TPS40428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
[Old version datasheet]   TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
logo
Renesas Technology Corp
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
logo
Texas Instruments
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com