Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43060 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS43060
Description  TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS43060 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS43060_15 Datasheet HTML 7Page - Texas Instruments TPS43060_15 Datasheet HTML 8Page - Texas Instruments TPS43060_15 Datasheet HTML 9Page - Texas Instruments TPS43060_15 Datasheet HTML 10Page - Texas Instruments TPS43060_15 Datasheet HTML 11Page - Texas Instruments TPS43060_15 Datasheet HTML 12Page - Texas Instruments TPS43060_15 Datasheet HTML 13Page - Texas Instruments TPS43060_15 Datasheet HTML 14Page - Texas Instruments TPS43060_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TPS43060, TPS43061
www.ti.com
SLVSBP4D – DECEMBER 2012 – REVISED SEPTEMBER 2014
8 Detailed Description
8.1 Overview
The TPS4306x is a high-performance, wide-input range synchronous boost controller that accepts a 4.5 to 38 V
(40-V absolute max) input and support output voltages up to 58 V. The devices have gate drivers for both the
low-side N-channel MOSFET and the high-side synchronous rectifier N-channel MOSFET. Voltage regulation is
achieved employing constant frequency current mode pulse-duration modulation (PWM) control. The switching
frequency is set either by an external timing resistor or by synchronizing to an external clock signal. The
switching frequency is programmable from 50 kHz to 1 MHz in the resistor programmed mode or can be
synchronized to an external clock between 300 kHz to 1 MHz.
The PWM control circuitry turns on the low-side MOSFET at the beginning of each oscillator clock cycle, as the
error amplifier compares the output voltage feedback signal at the FB pin to the internal 1.22-V reference
voltage. The low-side MOSFET is turned-off when the inductor current reaches a threshold level set by the error
amplifier output. After the low-side MOSFET is turned off, the high-side synchronous MOSFET is turned on until
the beginning of the next oscillator clock cycle or until the inductor current reaches the reverse current sense
threshold. The input voltage is applied across the inductor and stores the energy as inductor current ramps up
during the portion of the switching cycle when the low-side MOSFET is on. Meanwhile, the output capacitor
supplies load current. When the low-side MOSFET is turned off by the PWM controller, the inductor transfers
stored energy with the synchronous MOSFET to replenish the output capacitor and supply the load current. This
operation repeats every switching cycle.
The devices feature internal slope compensation to avoid subharmonic oscillation that is intrinsic to peak current
mode control at duty cycles higher than 50%. They also feature adjustable soft-start time, optional lossless
inductor DCR current sensing, an output power good indicator, cycle-by-cycle current limit, and overtemperature
protection.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS43060 TPS43061


Similar Part No. - TPS43060_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43060RTER TI-TPS43060RTER Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060RTET TI-TPS43060RTET Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results

Similar Description - TPS43060_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com