Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43351-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43351-Q1
Description  LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS43351-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS43351-Q1 Datasheet HTML 1Page - Texas Instruments TPS43351-Q1 Datasheet HTML 2Page - Texas Instruments TPS43351-Q1 Datasheet HTML 3Page - Texas Instruments TPS43351-Q1 Datasheet HTML 4Page - Texas Instruments TPS43351-Q1 Datasheet HTML 5Page - Texas Instruments TPS43351-Q1 Datasheet HTML 6Page - Texas Instruments TPS43351-Q1 Datasheet HTML 7Page - Texas Instruments TPS43351-Q1 Datasheet HTML 8Page - Texas Instruments TPS43351-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS43350-Q1
TPS43351-Q1
SLVSAR7D – JUNE 2011 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE AND ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI Web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
Voltage
Input voltage: VBAT
–0.3
60
V
Ground: PGNDA–AGND, PGNDB–AGND
–0.3
0.3
V
Enable inputs: ENA, ENB
–0.3
60
V
Bootstrap inputs: CBA, CBB
–0.3
68
V
Bootstrap inputs: CBA–PHA, CBB–PHB
–0.3
8.8
V
Phase inputs: PHA, PHB
–0.7
60
V
Phase inputs: PHA, PHB (for 150 ns)
–1
V
Feedback inputs: FBA, FBB
–0.3
13
V
Voltage
Error amplifier outputs: COMPA, COMPB
–0.3
13
V
(Buck function:
High-side MOSFET driver: GA1–PHA, GB1–PHB
–0.3
8.8
V
BuckA and BuckB)
Low-side MOSFET drivers: GA2–PGNDA, GB2–PGNDB
–0.3
8.8
V
Current-sense voltage: SA1, SA2, SB1, SB2
–0.3
13
V
Soft start: SSA, SSB
–0.3
13
V
Power-good output: PGA, PGB
–0.3
13
V
Power-good delay: DLYAB
–0.3
13
V
Switching-frequency timing resistor: RT
–0.3
13
V
SYNC, EXTSUP
–0.3
13
V
P-channel MOSFET driver: GC2
–0.3
60
V
Voltage
(PMOS driver)
P-channel MOSFET driver: -GC2
–0.3
8.8
V
Gate-driver supply: VREG
–0.3
8.8
V
Junction temperature: TJ
–40
150
°C
Temperature
Operating temperature: TA
–40
125
°C
Storage temperature: Tstg
–55
165
°C
Human-body model (HBM) AEC-
±2
kV
Q100 Classification Level H2
FBA, FBB, RT, DLYAB
±400
Charged-device model (CDM)
Electrostatic
VBAT, SYNC,
±750
AEC-Q100 Classification Level C2
discharge ratings
All other pins
±500
V
PGA, PGB
±150
Machine model (MM)
All other pins
±200
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to AGND, unless otherwise stated.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS43350-Q1 TPS43351-Q1


Similar Part No. - TPS43351-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43351QDAPRQ1 TI1-TPS43351QDAPRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS43351-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com